Electronic Components Datasheet Search
  English  ▼

X  

TR0046C Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # TR0046C
Description  NPN Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

TR0046C Datasheet(HTML) 2 Page - Solid States Devices, Inc

  TR0046C Datasheet HTML 1Page - Solid States Devices, Inc TR0046C Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0046C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFT4300A
Electrical Characteristic
Symbol
Min
Max
Units
Collector – Emitter Breakdown Voltage
(IC= 30mAdc)
BVCEO
80
––
V
Collector–Base Breakdown Voltage
(IC= 200µAdc)
BVCBO
150
––
V
Emitter–Base Breakdown Voltage
(IE= 200µAdc)
BVEBO
6
––
V
Collector Cutoff Current
(VCB= 90V, TC= 25°C)
(VCB= 90V, TC= 100°C)
ICBO
––
1
75
µAdc
Collector Cutoff Current
(VCE= 40 Vdc)
ICEO
––
5
µAdc
Emitter Cutoff Current
(VEB= 6V)
IEBO
––
1
µAdc
DC Current Gain*
(IC= 1.0Adc, VCE= 5Vdc)
(IC= 2.0Adc, VCE= 5Vdc)
hFE
50
50
200
Collector – Emitter Saturation Voltage* (IC= 1.0Adc, IB= 100mAdc)
(IC= 2.0Adc, IB= 200mAdc)
VCE(Sat)
––
––
0.3
0.5
Vdc
Base – Emitter Voltage
(IC= 2.0Adc, VCE= 2Vdc)
VBE(ON)
––
1.2
Vdc
Current Gain Bandwidth Product
(IC= 0.5Adc, VCE= 5Vdc, f= 10MHz)
fT
80
––
MHz
Output Capacitance
(VCB= 30Vdc, IE= 0 Adc, f= 1.0MHz)
Cob
––
45
pF
Input Capacitance (VBE= 8Vdc, IC= 0 Adc, f= 1.0MHz)
Cib
––
225
pF
Turn On Time
VCC = 20Vdc, IC = 1.0Adc,
VEB(off) = 3.7Vdc
IB1 = IB2 = 100mAdc,
RL – 20 Ohms
t(on)
t(off)
---
---
130
1.5
nsec
µsec
Turn Off Time
Case Outline: TO-5
All dimensions are in
inches
Tolerances: (unless
otherwise specified)
XX: ±0.01
XXX: ±0.005”
Pin 1: Emitter
Pin 2: Base
Pin 3/Case:
Collector
Notes:
* Pulse Test: Pulse Width = 300 µS, Duty Cycle = 2%
For thermal derating curves and other characteristic curves please contact SSDI Marketing Department.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com