Electronic Components Datasheet Search
  English  ▼

X  

TR0080 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # TR0080
Description  DUAL NPN DARLINGTON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

TR0080 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  TR0080 Datasheet HTML 1Page - Solid States Devices, Inc TR0080 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
FEATURES:
•
Cost-Saving Monolithic Design with Associated
Commutating Diodes in A Single Package: Reduced Size,
Improved Efficiency
•
High Current Gain
•
Low Saturation Voltage
•
High Energy Capability
•
Electrically Isolated Case
•
Hermetically Sealed 8 Pin TO-3 Package
•
High Current Replacement for PIC6006
•
TX, TXV, and S-Level Screening Available. Consult
Factory.
APPLICATIONS:
• Full Wave Bridge Circuits for Converters and Stepper-
Motor Drives
SPT35P3
4 AMPS
60 VOLTS
DUAL NPN DARLINGTON
TRANSISTOR
TO-3, 8 Leads
MAXIMUM RATINGS
Symbol
Value
Units
Collector – Emitter Voltage
VCEO
60
Volts
Collector – Base Voltage
VCBO
60
Volts
Collector Current
Continuous
Peak
IC
ICM
4
8
Amps
Base Current
IB
0.2
Amps
Diode Average Forward Current
IO
2
Amps
Total Device Dissipation
@ TC = 25
oC
Per Darlington
PD
60
30
Watts
Operating and Storage Temperature
TJ & Tstg
-65 to +175
oC
Per Device
2.5
Thermal Resistance, Junction to Case
Per Transistor
RθJC
5.0
oC/W
SCHEMATIC
6K
150
1
2
7
8
3
4
5
6
150
6K
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0080D
DOC


Similar Part No. - TR0080

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
TR0081F SSDI-TR0081F Datasheet
159Kb / 3P
1 AMP, 500 Volts High Voltage PNP Transistor
TR0081F SSDI-TR0081F Datasheet
159Kb / 3P
High Voltage PNP Transistor
TR0082A SSDI-TR0082A Datasheet
33Kb / 2P
PNP TRANSISTOR
TR0083A SSDI-TR0083A Datasheet
31Kb / 2P
NPN Transistor
TR0086 SSDI-TR0086 Datasheet
32Kb / 2P
NPN Switching Transistor
More results

Similar Description - TR0080

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MPSA13 TRSYS-MPSA13 Datasheet
124Kb / 1P
NPN DARLINGTON TRANSISTOR
logo
Samsung semiconductor
MMBT6427 SAMSUNG-MMBT6427 Datasheet
67Kb / 2P
NPN (DARLINGTON TRANSISTOR)
logo
Fairchild Semiconductor
2N5306 FAIRCHILD-2N5306 Datasheet
23Kb / 2P
NPN Darlington Transistor
MPSA13 FAIRCHILD-MPSA13 Datasheet
605Kb / 13P
NPN Darlington Transistor
logo
Rohm
2SD2399 ROHM-2SD2399 Datasheet
370Kb / 5P
Transistor,NPN,Darlington
logo
Fairchild Semiconductor
2N7052 FAIRCHILD-2N7052_01 Datasheet
310Kb / 8P
NPN Darlington Transistor
MPSA14 FAIRCHILD-MPSA14_01 Datasheet
651Kb / 14P
NPN Darlington Transistor
logo
Solid States Devices, I...
SFT10000-3 SSDI-SFT10000-3_1 Datasheet
143Kb / 2P
NPN DARLINGTON TRANSISTOR
logo
New Jersey Semi-Conduct...
2N997 NJSEMI-2N997 Datasheet
91Kb / 1P
NPN DARLINGTON TRANSISTOR
2N6578 NJSEMI-2N6578 Datasheet
94Kb / 1P
NPN DARLINGTON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com