Electronic Components Datasheet Search
  English  ▼

X  

TR0099 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # TR0099
Description  High Speed PNP Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

TR0099 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  TR0099 Datasheet HTML 1Page - Solid States Devices, Inc TR0099 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFT5001
Electrical Characteristics
Symbol
Min
Max
Units
Collector – Emitter Blocking Voltage *
(IC = 10 mA)
BVCEO
80
––
Volts
Collector – Base Blocking Voltage
(IC = 20 µA)
BVCBO
125
––
Volts
Emitter – Base Blocking Voltage
(IE = 20 µA)
BVEBO
7
––
Volts
Collector Cutoff Current
(VCE = 40 V)
ICEO
––
10
μA
Collector Cutoff Current
(VCB = 100 V)
ICBO
––
1.0
μA
Emitter Cutoff Current
(VEB = 6 V)
IEBO
––
1.0
μA
DC Current Gain *
(IC = 50 mA, VCE = 5 V)
(IC = 1.0 A, VCE = 5 V)
(IC = 5.0 A, VCE = 5 V)
hFE
50
50
30
––
––
––
Collector-Emitter Saturation Voltage *
(IC = 1.0 A, IB = 100 mA)
(IC = 5.0 A, IB = 500 mA)
VCE(SAT)
––
––
0.5
1.0
Volts
Base-Emitter Saturation Voltage *
(IC = 1.0 A, IB = 100 mA)
(IC = 5.0 A, IB = 500 mA)
VBE(SAT)
––
––
0.9
1.2
Volts
Current Gain – Bandwidth Product
VCE = 5 V, IC = 0.5 A, f = 10 MHz
fT
80
––
MHz
Output Capacitance
VCB = 10 V, IE = 0 A, f = 1.0 MHz
Cob
––
75
pF
Delay Time
Rise Time
t(on)
td
tr
––
––
150
ns
Storage Time
Fall Time
(VCC = 20 V, IC = 1.0 A, VBE (off) = 3.7 V, IB1 = IB2 = 100 mA,
RL = 20 Ω)
t(off)
ts
tf
––
––
500
ns
NOTES:
* Pulse Test: Pulse Width = 300µsec, Duty Cycle = 2%
1/ For Ordering Information, Price, and Availability Contact
Factory.
2/ Screening per MIL-PRF-19500
3/ For Package Outlines Contact Factory.
4/ Up and Down Bend Configurations are Available for ‘J’ (TO-
257) Packages Only.
5/ Optional Pin Out Configurations are Available for ‘J’ (TO-
257) Packages Only.
6/ Unless Otherwise Specified, All Electrical Characteristics
@25ºC.
Available Part Numbers:
SFT5001/59
SFT5001/66
SFT5001J
SFT5001JUB
SFT5001JDB
SFT5001JR
SFT5001JRUB
SFT5001JRDB
SFT5001S.5
PIN ASSIGNMENT (Standard)
Package
Collector
Emitter
Base
TO-59 (/59)
Pin 1
Pin 2
Pin 3
TO-66 (/66)
Case
Pin 2
Pin 3
TO-257 (J)
Pin 1
Pin 2
Pin 3
SMD .5 (S.5)
Pin 1
Pin 2
Pin 3
PIN ASSIGNMENT (Optional)
Package
Collector
Emitter
Base
TO-257 (JR)
Pin 2
Pin 3
Pin 1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com