Electronic Components Datasheet Search
  English  ▼

X  

TR0100B Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # TR0100B
Description  HIGH SPEED PNP Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

TR0100B Datasheet(HTML) 1 Page - Solid States Devices, Inc

  TR0100B Datasheet HTML 1Page - Solid States Devices, Inc TR0100B Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
B17BH DATA SHEET #: TR0100B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SFT501 __ __ __
SFT503 __ __ __
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
│
│
└
└ Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Polarity: __ = Normal
R = Reverse
Package 3/ J = TO-257, glass seals
JC = TO-257, ceramic seals
SFT501J and SFT503J
SFT501JC and SFT503JC
Series
5 AMP
200 Volts
HIGH SPEED
PNP Transistor
Features:
 Fast Switching
 High Frequency, 80 MHz Typical
 BVCEO 150 Volts Min
 High Linear Gain
 Low Saturation Voltage and Leakage
 200ºC Operating Temperature
 Gold Eutectic Die Attach
 Designed for Complementary Use with SFT502/G
and SFT504/G
 TX, TXV, and S Level Screening Available
Maximum Ratings
Symbol
Value
Units
Collector – Emitter Voltage
VCEO
150
Volts
Collector – Base Voltage
VCBO
200
Volts
Emitter – Base Voltage
VEBO
7
Volts
Continues Collector Current
IC
5
Amps
Base Current
IB
1
Amps
Power Dissipation @ TC = 100ºC
Derate above 100ºC
PD
20
200
W
mW/ºC
Operating & Storage Temperature
Top & Tstg
-65 to +200
ºC
Maximum Thermal Resistance
Junction to Case
RθJC
5 (typ 3)
ºC/W
NOTES:
*Pulse Test: Pulse Width = 300µsec, Duty Cycle = 2%
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ Screening per MIL-PRF-19500
3/ For Package Outlines Contact Factory.
4/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
Available Part Numbers:
SFT501J
SFT501JC
SFT503J
SFT503JC
TO-257
PIN ASSIGNMENT
Code
Function
Pin 1
Pin 2
Pin 3
-
Normal
Collector
Emitter
Base
R
Reverse
Collector
Base
Emitter


Similar Part No. - TR0100B

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
TR0101 SSDI-TR0101 Datasheet
84Kb / 2P
NPN Power Transistor Die
TR0105B SSDI-TR0105B Datasheet
150Kb / 2P
HIGH SPEED NPN TRANSISTOR
TR0108A SSDI-TR0108A Datasheet
105Kb / 2P
High Energy NPN Transistor
TR0109C SSDI-TR0109C Datasheet
126Kb / 3P
POWER TRANSISTORS SILICON PNP
More results

Similar Description - TR0100B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N5007 ETC-2N5007 Datasheet
481Kb / 6P
HIGH SPEED PNP TRANSISTOR
logo
Solid States Devices, I...
SFT501 SSDI-SFT501_1 Datasheet
121Kb / 2P
HIGH SPEED PNP Transistor
SFT501-J SSDI-SFT501-J Datasheet
122Kb / 2P
HIGH SPEED PNP Transistor
SFT2907A SSDI-SFT2907A_1 Datasheet
177Kb / 3P
PNP High Speed Transistor
SFT5001 SSDI-SFT5001_1 Datasheet
128Kb / 2P
High Speed PNP Transistor
SFT5333A SSDI-SFT5333A_1 Datasheet
115Kb / 2P
HIGH SPEED PNP TRANSISTOR
TR0022C SSDI-TR0022C Datasheet
177Kb / 3P
PNP High Speed Transistor
TR0040 SSDI-TR0040 Datasheet
121Kb / 2P
HIGH SPEED PNP Transistor
TR0054C SSDI-TR0054C Datasheet
115Kb / 2P
HIGH SPEED PNP TRANSISTOR
TR0099 SSDI-TR0099 Datasheet
128Kb / 2P
High Speed PNP Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com