Electronic Components Datasheet Search
  English  ▼

X  

IMBD4148 Datasheet(PDF) 1 Page - General Semiconductor

Part # IMBD4148
Description  Small Signal Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

IMBD4148 Datasheet(HTML) 1 Page - General Semiconductor

  IMBD4148 Datasheet HTML 1Page - General Semiconductor IMBD4148 Datasheet HTML 2Page - General Semiconductor IMBD4148 Datasheet HTML 3Page - General Semiconductor IMBD4148 Datasheet HTML 4Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
Small Signal Diodes
Dimensions in inches and (millimeters)
.016 (0.4)
.037(0.95) .037(0.95)
.122 (3.1)
.016 (0.4)
.016 (0.4)
3
12
Top View
.102 (2.6)
.118 (3.0)
.094 (2.4)
Case: SOT-23 Plastic Package
Weight: approx. 0.008 g
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
SOT-23
4/98
IMBD4148
Marking
A2
Symbol
Value
Unit
Reverse Voltage
VR
75
V
Peak Reverse Voltage
VRM
100
V
Rectified Current (Average)
Half Wave Rectification with Resist. Load
at Tamb = 25 °C and ≥ f ≥ 50 Hz
I0
1501)
mA
Surge Forward Current at t < 1 s and Tj = 25 °C
IFSM
500
mA
Power Dissipation at Tamb = 25 °C
Ptot
3501)
mW
Junction Temperature
Tj
150
°C
Storage Temperature Range
TS
–65 to +150
°C
1) Device on fiberglass substrate, see layout
1
3
2
Top View
Silicon Epitaxial Planar Diodes
Fast switching diode in case
SOT-23, especially suited for
automatic insertion.
This diode is also available in other case styles
including: the DO-35 case with the type
designation 1N4148, the Mini-MELF case with
the type designation LL4148, and the SOD-123
case with the type designation 1N4148W
♦
♦
♦


Similar Part No. - IMBD4148

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IMBD4148 VISHAY-IMBD4148 Datasheet
98Kb / 5P
Small Signal Switching Diode
15-May-13
IMBD4148 VISHAY-IMBD4148 Datasheet
105Kb / 5P
Small Signal Switching Diode
13-Feb-18
IMBD4148 VISHAY-IMBD4148 Datasheet
107Kb / 5P
Small Signal Switching Diode
13-Feb-18
IMBD4148-E3-08 VISHAY-IMBD4148-E3-08 Datasheet
98Kb / 5P
Small Signal Switching Diode
15-May-13
IMBD4148-E3-08 VISHAY-IMBD4148-E3-08 Datasheet
105Kb / 5P
Small Signal Switching Diode
13-Feb-18
More results

Similar Description - IMBD4148

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
1N4148 GE-1N4148 Datasheet
150Kb / 4P
Small Signal Diodes
1N4150 GE-1N4150 Datasheet
28Kb / 1P
Small Signal Diodes
1N4151W GE-1N4151W Datasheet
202Kb / 4P
SMALL SIGNAL DIODES
1N4448W GE-1N4448W Datasheet
140Kb / 4P
Small Signal Diodes
BAV19WS GE-BAV19WS Datasheet
118Kb / 4P
SMALL SIGNAL DIODES
BAW75 GE-BAW75 Datasheet
173Kb / 4P
Small-Signal Diodes
LL4148 GE-LL4148 Datasheet
147Kb / 4P
Small Signal Diodes
LL4151 GE-LL4151 Datasheet
146Kb / 4P
Small Signal Diodes
logo
Guangdong Kexin Industr...
1N5177W KEXIN-1N5177W Datasheet
33Kb / 1P
SMALL SIGNAL DIODES
logo
EIC discrete Semiconduc...
BAV19WS EIC-BAV19WS Datasheet
40Kb / 2P
SMALL SIGNAL DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com