Electronic Components Datasheet Search
  English  ▼

X  

TR0101 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # TR0101
Description  NPN Power Transistor Die
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

TR0101 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  TR0101 Datasheet HTML 1Page - Solid States Devices, Inc TR0101 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0101A
Doc
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
.180
.170
E
B
.011
2SPT6341SD
MultiEpitaxial Planar
NPN Power Transistor Die
Features:
• Recommended replacement for the 2N6338 – 6341 series
• Die Size: 170 x 180 Mils
• Die Thickness: 260 – 330 µm
• Bonding Area:
Emitter: 30 x 60 Mils
Base:
40 x 50 Mils
• Maximum Recommended Wire Bonding:
Emitter: Al (15 Mils Dia)
Base:
Al (15 Mils Dia)
• Metallization:
Top:
60,000Å Al
Bottom: 5,500Å Au / Cr / Ni / Au
Maximum Ratings
4/
Symbol
Value
Units
Collector – Emitter Voltage
VCEO
125
Volts
Collector – Base Voltage
VCBO
180
Volts
Emitter – Base Voltage
VEBO
6
Volts
Continuous Collector Current
Peak Collector Current
IC
IC max
25
50
Amps
Continuous Base Current
IB
10
Amps
Power Dissipation @ TC = 25ºC
Derate above 25ºC
PD
200
1.143
W
W/ºC
Operating & Storage Temperature
Top & Tstg
-65 to +200
ºC
Maximum Thermal Resistance
Junction to Case
RθJC
0.875
ºC/W
Electrical Characteristic
4/
Symbol
Min
Typ
Max
Units
Collector – Emitter
Breakdown Voltage
IC = 50mA
BVCEO
3/
125
135
––
Volts
Collector – Cutoff Current
VCE = 125 V; VBE = 1.5 V
VCE = 125 V; VBE = 1.5 V; T= 150ºC
ICEX
3/
––
0.020
—
10
1
µA
mA
Collector – Cutoff Current
VCB = 180 V
ICBO1
3/
––
0.020
10
uA
Emitter – Cutoff Current
VEB = 6 V
IEBO
3/
––
0.001
100
uA
DC Current Gain *
VCE = 2V, IC = 500mA
VCE = 2V, IC = 10A
VCE = 2V, IC = 25A
hFE1
3/
hFE2
3/
hFE3
50
30
12
120
185
120
––
220
––
––
Collector – Emitter Saturation
Voltage*
IC = 10A, IB = 1 A
IC = 25A, IB = 2.5A
VCE(Sat)
––
––
0.35
0.93
1.0
1.8
Volts
Base – Emitter Saturation
Voltage *
IC = 10A, IB = 1A
IC = 25A, IB = 2.5A
VBE(Sat)
––
––
1.13
1.73
1.8
2.5
Volts


Similar Part No. - TR0101

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
TR0100B SSDI-TR0100B Datasheet
132Kb / 2P
HIGH SPEED PNP Transistor
TR0105B SSDI-TR0105B Datasheet
150Kb / 2P
HIGH SPEED NPN TRANSISTOR
TR0108A SSDI-TR0108A Datasheet
105Kb / 2P
High Energy NPN Transistor
TR0109C SSDI-TR0109C Datasheet
126Kb / 3P
POWER TRANSISTORS SILICON PNP
More results

Similar Description - TR0101

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
2SPT6341SD SSDI-2SPT6341SD Datasheet
84Kb / 2P
MultiEpitaxial Planar NPN Power Transistor Die
logo
Central Semiconductor C...
CP127-2N6301 CENTRAL-CP127-2N6301 Datasheet
662Kb / 3P
NPN - Darlington Transistor Die
logo
Inchange Semiconductor ...
ISCN22 ISC-ISCN22 Datasheet
174Kb / 1P
isc NPN Power Transistor Die
logo
Silicon Supplies
2N918 SS-2N918 Datasheet
237Kb / 2P
NPN Transistor Bare Die
BC546 SS-BC546 Datasheet
362Kb / 4P
NPN Transistor Bare Die
MPSH10 SS-MPSH10 Datasheet
212Kb / 2P
NPN Transistor Bare Die
SISH10 SS-SISH10 Datasheet
212Kb / 2P
NPN Transistor Bare Die
BC107B SS-BC107B Datasheet
1Mb / 4P
NPN Transistor Bare Die
TIP42C SS-TIP42C Datasheet
280Kb / 2P
NPN Transistor Bare Die
Rev 1.0 02/09/17
2N3055 SS-2N3055 Datasheet
230Kb / 2P
NPN Transistor Bare Die
Rev 1.0 22/08/23
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com