Electronic Components Datasheet Search
  English  ▼

X  

TR0109C Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # TR0109C
Description  POWER TRANSISTORS SILICON PNP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

TR0109C Datasheet(HTML) 2 Page - Solid States Devices, Inc

  TR0109C Datasheet HTML 1Page - Solid States Devices, Inc TR0109C Datasheet HTML 2Page - Solid States Devices, Inc TR0109C Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0109C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFT5151 and SFT5153
Electrical Characteristic
4/
Symbol
Min
Max
Units
Collector– Emitter Breakdown Voltage*
IC = 100mA
BVCEO
80
––
Volts
Collector – Base Breakdown Voltage
IC = 200µA
BVCBO
100
––
Volts
Emitter – Base Breakdown Voltage
IE = 200µA
BVEBO
5.5
––
Volts
Collector – Cutoff Current
VCE = 40V
ICEO
––
50
µA
Collector – Cutoff Current
VCE = 60V, VBE = 2V, TA = 150°C
ICEV
––
25
µA
Collector – Cutoff Current
VCE = 60V
VCE = 100V
ICES
––
1.0
1.0
µA
mA
Emitter – Cutoff Current
VEB = 4V
VEB = 5.5V
IEBO
––
1.0
1.0
µA
mA
DC Current Gain *
SFT5151
VCE = 5V, IC = 50mA
VCE = 5V, IC = 2.5A
VCE = 5V, IC = 2.5A, TA = -55°C
VCE = 5V, IC = 5A
hFE
20
30
15
20
50
70
25
40
––
250
––
––
––
250
––
––
––
SFT5153
VCE = 5V, IC = 50mA
VCE = 5V, IC = 2.5A
VCE = 5V, IC = 2.5A, TA = -55°C
VCE = 5V, IC = 5A
Collector – Emitter Saturation Voltage *
IC = 2.5A, IB = 250mA
IC = 5.0A, IB = 500mA
VCE(Sat)
––
––
0.75
1.5
Volts
Base – Emitter Saturation Voltage *
IC = 2.5A, IB = 250mA
IC = 5.0A, IB = 500mA
VBE(Sat)
––
––
1.45
2.2
Volts
Common Emitter small signal gain
VCE = 5V, IC = 0.1A,
f= 1kHz
SFT5151
SFT5153
hfe
20
50
––
––
Current Gain Bandwidth Product
VCE = 5V, IC = 0.5A,
f = 20MHz
SFT5151
SFT5153
fT
60
70
––
MHz
Output Capacitance
VCB = 10V, IE = 0A, f = 1MHz
cob
––
250
pF
Base – Emitter Voltage*
VCE = 5V, IC = 2.5A
VBE(ON)
––
1.45
Volts
Safe Operating Area
VCE = 5V, IC = 2.0A, 1 sec
VCE = 32V, IC = 310 mA, 1 sec
VCE = 80V, IC = 12.5mA, 1 sec
SOA1
SOA2
SOA3
––
––
––
Delay Time
VCC = 30V, VEB(Off) = 3.7V
IC = 5A
VEB(Off) = 3.7V, IB1 = IB2 = 0.5A,
RL = 6 Ohms
tON
tOFF
––
500
1500
nsec
Rise Time
Storage Time
tS
tf
––
1.4
0.5
µsec
Fall Time



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com