Electronic Components Datasheet Search
  English  ▼

X  

VLS201610E Datasheet(PDF) 42 Page - TDK Electronics

Part # VLS201610E
Description  Inductors for Power Circuits Wound Ferrite
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

VLS201610E Datasheet(HTML) 42 Page - TDK Electronics

Back Button VLS201610E Datasheet HTML 38Page - TDK Electronics VLS201610E Datasheet HTML 39Page - TDK Electronics VLS201610E Datasheet HTML 40Page - TDK Electronics VLS201610E Datasheet HTML 41Page - TDK Electronics VLS201610E Datasheet HTML 42Page - TDK Electronics VLS201610E Datasheet HTML 43Page - TDK Electronics VLS201610E Datasheet HTML 44Page - TDK Electronics VLS201610E Datasheet HTML 45Page - TDK Electronics VLS201610E Datasheet HTML 46Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 53 page
background image
(42/53)
INDUC
T
O
RS
001-01 / 20140208 / inductor_commercial_power_vls_en.fm
• All specifications are subject to change without notice.
VLS-E series 
VLS3012E Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Rated current: smaller value of either Idc1 or Idc2.
Idc1: When based on the inductance change rate (30% below the nominal value)
Idc2: When based on the temperature increase (Temperature increase of 40°C by self heating)
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Measuring
frequency
(MHz)
DC resistance
(
: )
Rated current(A)
Part No.
max.
typ.
(μH)
Tolerance
max.
typ.
Idc1
Idc1
Idc2
1.0
±30%
1.0
0.068
0.056
1.90
2.15
2.00
VLS3012ET-1R0N
1.5
±30%
1.0
0.076
0.063
1.50
1.70
1.85
VLS3012ET-1R5N
2.2
±20%
1.0
0.096
0.080
1.35
1.50
1.70
VLS3012ET-2R2M
3.3
±20%
1.0
0.120
0.100
1.05
1.20
1.55
VLS3012ET-3R3M
4.7
±20%
1.0
0.156
0.130
0.95
1.05
1.30
VLS3012ET-4R7M
6.8
±20%
1.0
0.228
0.190
0.81
0.90
1.05
VLS3012ET-6R8M
10
±20%
1.0
0.336
0.280
0.64
0.76
0.89
VLS3012ET-100M
15
±20%
1.0
0.516
0.430
0.55
0.62
0.74
VLS3012ET-150M
22
±20%
1.0
0.756
0.630
0.44
0.49
0.61
VLS3012ET-220M
33
±20%
1.0
1.248
1.040
0.37
0.41
0.48
VLS3012ET-330M
47
±20%
1.0
1.500
1.250
0.31
0.35
0.44
VLS3012ET-470M
Measurement item
Product No.
Manufacturer
L
4194A
Agilent Technologies
DC resistance
VP-2941A
Panasonic
Rated current Idc1
4285A+42841A+42842C
Agilent Technologies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com