| Electronic Components Datasheet Search |
|
VLS252015E Datasheet(PDF) 22 Page - TDK Electronics |
|
|
|||||||||||||||||||||||||||||
VLS252015E Datasheet(HTML) 22 Page - TDK Electronics |
|
22 / 53 page ![]() (22/53) INDUC T O RS 001-01 / 20140208 / inductor_commercial_power_vls_en.fm • All specifications are subject to change without notice. VLS-E series VLS252008E Type ELECTRICAL CHARACTERISTICS CHARACTERISTICS SPECIFICATION TABLE Rated current: smaller value of either Idc1 or Idc2. Idc1: When based on the inductance change rate (30% below the nominal value) Idc2: When based on the temperature increase (Temperature increase of 40°C by self heating) ○ Measurement equipment * Equivalent measurement equipment may be used. L Measuring frequency (MHz) DC resistance ( : ) Rated current(A) Part No. max. typ. (μH) Tolerance max. typ. Idc1 Idc1 Idc2 0.47 ±30% 1.0 0.140 0.116 1.65 1.80 1.20 VLS252008ET-R47N 1.0 ±30% 1.0 0.219 0.182 1.20 1.35 0.97 VLS252008ET-1R0N 1.5 ±30% 1.0 0.248 0.206 1.00 1.10 0.91 VLS252008ET-1R5N 2.2 ±20% 1.0 0.290 0.241 0.77 0.86 0.84 VLS252008ET-2R2M 3.3 ±20% 1.0 0.416 0.346 0.73 0.82 0.70 VLS252008ET-3R3M 4.7 ±20% 1.0 0.580 0.483 0.61 0.68 0.59 VLS252008ET-4R7M 6.8 ±20% 1.0 0.818 0.681 0.49 0.55 0.50 VLS252008ET-6R8M 10.0 ±20% 1.0 1.232 1.026 0.43 0.48 0.41 VLS252008ET-100M Measurement item Product No. Manufacturer L 4194A Agilent Technologies DC resistance VP-2941A Panasonic Rated current Idc1 4285A+42841A+42842C Agilent Technologies |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |