Electronic Components Datasheet Search
  English  ▼

X  

IRFF220 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # IRFF220
Description  Absolute Maximum Ratings
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

IRFF220 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  IRFF220 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. IRFF220 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - IRFF220

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFF220 INTERSIL-IRFF220 Datasheet
325Kb / 7P
3.5A, 200V, 0.800 Ohm, N-Channel Power MOSFET
March 1999
logo
Seme LAB
IRFF220 SEME-LAB-IRFF220 Datasheet
45Kb / 2P
N?밅HANNEL POWER MOSFET
More results

Similar Description - IRFF220

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N5221B FAIRCHILD-1N5221B Datasheet
85Kb / 3P
Absolute Maximum Ratings
1N5226B FAIRCHILD-1N5226B Datasheet
23Kb / 3P
Absolute Maximum Ratings
logo
Hitachi Semiconductor
HD6475208 HITACHI-HD6475208 Datasheet
391Kb / 17P
Absolute Maximum Ratings
logo
New Jersey Semi-Conduct...
2N3957 NJSEMI-2N3957 Datasheet
224Kb / 2P
ABSOLUTE MAXIMUM RATINGS
logo
Roithner LaserTechnik G...
RLT808_100MG ROITHNER-RLT808_100MG Datasheet
86Kb / 1P
ABSOLUTE MAXIMUM RATINGS
logo
SHENZHEN YONGERJIA INDU...
MA153 WINNERJOIN-MA153 Datasheet
59Kb / 1P
ABSOLUTE MAXIMUM RATINGS
logo
Xilinx, Inc
DS312 XILINX-DS312 Datasheet
5Mb / 233P
Absolute Maximum Ratings
logo
Shindengen Electric Mfg...
K1V14 SHINDENGEN-K1V14_17 Datasheet
1Mb / 4P
Absolute Maximum Ratings
K1V36W SHINDENGEN-K1V36W_17 Datasheet
1Mb / 4P
Absolute Maximum Ratings
logo
New Jersey Semi-Conduct...
BD1 NJSEMI-BD1 Datasheet
46Kb / 1P
absolute maximum ratings
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com