Electronic Components Datasheet Search
  English  ▼

X  

25D Datasheet(PDF) 1 Page - DB Lectro Inc

Part # 25D
Description  PRODUCT DESCRIPTIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

25D Datasheet(HTML) 1 Page - DB Lectro Inc

  25D Datasheet HTML 1Page - DB Lectro Inc 25D Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ordering Code:
25D-1A□1)1□2)□3)*
□1)=1 (5.0VDC), 2 (12.0VDC), 3 (24.0VDC)
□2)
=1 (Diode), N (No diode)
□3)=1 (Insulation resistance 10
11), 2 (Insulation resistance 1012), 3 (Insulation resistance 1013)
25D Series
PRODUCT DESCRIPTIONS
The 25D Series is a small high insulation resistance relay, which
comes in 1 Form A and 2 Form A configurations. The insulation
resistance rated 10 is top of its class, and ensures to reduce
mounting area. These features make this series ideal for DC
measurement and DC parametric tests.
25D Series
25D-1A□1□□
25D-2A□1□□
High Insulation Resistance
Parameters
Units
1 Form A
2 Form A
Test Conditions
Coil Specifications
Nominal Coil Voltage
Coil Resistance
Operate Voltage
Release Voltage
VDC
Ω
VDC Max
VDC Min
5.0
160
3.4
0.7
12.0
600
8.1
1.2
24.0
1800
16.0
2.4
5.0
150
3.4
0.7
12.0
600
8.3
1.2
24.0
2000
16.6
2.4
±10% @ 20˚C
15˚C to 35˚C
15˚C to 35˚C
Contact Ratings
Switching Voltage
Switching Current
Carry Current
Contact Rating
Life Expectancy
Contact Resistance
Contact Resistance Stability
Volts
Amps
Amps
Watts
x106 Cycle
mΩ
mΩ
100
0.5
1.0
10
1000
150
5.0
Max DC/Peak AC resistance
Max DC/Peak AC resistance
Max DC/Peak AC resistance
Max DC/Peak AC resistance
@ 1V 10mA
Max initial @ operate voltage
Max initial @ operate voltage
Relay Specifications
Insulation Resistance
Dielectric Strength
Operate Time
(Including Bounce)
Release Time
Ω Min
VDC Min
VDC Min
VDC Min
msec Max
msec Max
1011 to 1013*
200
500
500
0.5
0.5
Between all isolated pins
@ 100V 20˚C 40%RH
Between contacts
Contacts to shield
Contacts/Shield to coil
@ nominal coil voltage
100Hz square wave
Diode suppression
Environmental Ratings
Measurement Reference Conditions
Temp: 15˚C to 35˚C
Humidity: 25% to 75%RH
Atmospheric Pressure: 860 to 1060hpa
Storage temp: -40˚C to +85˚C
Operate temp: -20˚C to +80˚C
Vibration: 20G’s to 2000Hz
Shock: 50G’s
SPECIFICATIONS
13
PCB Mount


Similar Part No. - 25D

ManufacturerPart #DatasheetDescription
logo
StarHope
25D SPSEMI-25D Datasheet
386Kb / 2P
Varistor Type MYG
logo
Shanghai Shunye Electro...
25D SHUNYE-25D Datasheet
189Kb / 2P
SOZA CELL
logo
SUNMATE electronic Co.,...
25D SUNMATE-25D Datasheet
693Kb / 4P
METAL OXIDE VARISTORS
logo
Yuan Dean Scientific., ...
25D YUANDEAN-25D Datasheet
265Kb / 2P
DC-DC Converter
logo
Shanghai Yint Electroni...
25D YINT-25D Datasheet
499Kb / 3P
25D Series
More results

Similar Description - 25D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
68HC912D60 MOTOROLA-68HC912D60 Datasheet
13Kb / 1P
Pin out and Signal Descriptions
logo
Texas Instruments
ADS1015EVM TI-ADS1015EVM Datasheet
1Mb / 25P
Complete circuit descriptions, schematic diagrams, and bills of material are included in this document.
logo
DB Lectro Inc
20W-1A DBLECTRO-20W-1A Datasheet
829Kb / 2P
PRODUCT DESCRIPTIONS
20Z-1A DBLECTRO-20Z-1A Datasheet
711Kb / 2P
PRODUCT DESCRIPTIONS
21D-1E DBLECTRO-21D-1E Datasheet
732Kb / 2P
PRODUCT DESCRIPTIONS
21D-1E15 DBLECTRO-21D-1E15 Datasheet
631Kb / 2P
PRODUCT DESCRIPTIONS
26W DBLECTRO-26W Datasheet
485Kb / 2P
PRODUCT DESCRIPTIONS
30D-1A DBLECTRO-30D-1A Datasheet
769Kb / 2P
PRODUCT DESCRIPTIONS
40D-4A DBLECTRO-40D-4A Datasheet
992Kb / 2P
PRODUCT DESCRIPTIONS
40D-6A DBLECTRO-40D-6A Datasheet
1Mb / 2P
PRODUCT DESCRIPTIONS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com