Electronic Components Datasheet Search
  English  ▼

X  

26W Datasheet(PDF) 2 Page - DB Lectro Inc

Part # 26W
Description  PRODUCT DESCRIPTIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

26W Datasheet(HTML) 2 Page - DB Lectro Inc

  26W Datasheet HTML 1Page - DB Lectro Inc 26W Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
(15.24)
26W-1A 1N0
UP
0.8 MAX
0.6 +0.012
-0.012
0.1+0.012
-0.012
5- 0.018
(2.54)
1
7
8
16
9
(20.32)
(15.24)
(5- 0.45)
0.2
MAX
0.1+0.012
-0.012
(2.54)
(5.08)
1
8
7
16
9
UP
Note: Hg wet contacts must be mounted within 30 of vertical plane.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com