Electronic Components Datasheet Search
  English  ▼

X  

40D Datasheet(PDF) 1 Page - DB Lectro Inc

Part # 40D
Description  PRODUCT DESCRIPTIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

40D Datasheet(HTML) 1 Page - DB Lectro Inc

  40D Datasheet HTML 1Page - DB Lectro Inc 40D Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
40D/42D-4A Series
The 40D-4A/42D-4A Series has individual coils for each
contact, and is in the arrangements of 1-4 and 4-4 outputs.
The main features of this series are a coaxial shield covering
the high frequency range up to 2.5GHz and a magnetic shield
enabling high-density mounting. These features make this
series ideal for cost sensitive DRAM device test and VXI/PXI.
PRODUCT DESCRIPTIONS
Multiplexer
SPECIFICATIONS
40D/42D-4A Series
40D-4A□2N1
42D-4A□2N1
Multiplexer
Parameters
Units
4 Form A (1-4,4Drives)
4 Form A (4-4,4Drives)
Test Conditions
Coil Specifications
Nominal Coil Voltage
Coil Resistance
Operate Voltage
Release Voltage
VDC
Ω
VDC Max
VDC Min
5.0
120
2.8
0.7
12.0
600
9.6
1.2
5.0
120
2.8
0.7
12.0
600
9.6
1.2
±10% @ 20˚C
15˚C to 35˚C
15˚C to 35˚C
Contact Ratings
Switching Voltage
Switching Current
Carry Current
Contact Rating
Life Expectancy
Contact Resistance
Contact Resistance Stability
Volts
Amps
Amps
Watts
x106 Cycle
mΩ
mΩ
100
0.5
1.0
10
1000
150
5.0
100
0.5
1.0
10
1000
150
5.0
Max DC/Peak AC resistance
Max DC/Peak AC resistance
Max DC/Peak AC resistance
Max DC/Peak AC resistance
@ 1V 10mA
Max initial @ operate voltage
Max initial @ operate voltage
Relay Specifications
Insulation Resistance
Dielectric Strength
Operate Time
(Including Bounce)
Release Time
Ω Min
VDC Min
VDC Min
VDC Min
msec Max
msec Max
1011
200
200
200
0.35
0.25
1011
200
200
200
0.35
0.25
Between all isolated pins
@ 100V 20˚C 40%RH
Between contacts
Contacts to shield
Contacts/Shield to coil
@ nominal coil voltage
100Hz square wave
Diode suppression
Environmental Ratings
Measurement Reference Conditions
Temp: 15˚C to 35˚C
Humidity: 25% to 75%RH
Atmospheric Pressure: 860 to 1060hpa
Storage temp: -40˚C to +85˚C
Operate temp: -20˚C to +60˚C
Vibration: 20G’s to 2000Hz
Shock: 50G’s
Ordering Code:
40D-4A□2N1
□
=1 (5.0VDC), 2 (12.0VDC)
42D-4A□2N1
□
=1 (5.0VDC), 2 (12.0VDC)


Similar Part No. - 40D

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
40D DBLECTRO-40D Datasheet
1Mb / 2P
PRODUCT DESCRIPTIONS
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
METAL OXIDE VARISTORS
logo
Yuan Dean Scientific., ...
40D YUANDEAN-40D Datasheet
353Kb / 3P
DC-DC Converter
logo
Shanghai Yint Electroni...
40D YINT-40D Datasheet
462Kb / 3P
High-Energy Varistors
logo
UN Semiconducctor INC
40D UNSEMI-40D Datasheet
2Mb / 4P
Radial Lead Varistor (MOV)
Revision March 1,2022
More results

Similar Description - 40D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
68HC912D60 MOTOROLA-68HC912D60 Datasheet
13Kb / 1P
Pin out and Signal Descriptions
logo
Texas Instruments
ADS1015EVM TI-ADS1015EVM Datasheet
1Mb / 25P
Complete circuit descriptions, schematic diagrams, and bills of material are included in this document.
logo
DB Lectro Inc
20W-1A DBLECTRO-20W-1A Datasheet
829Kb / 2P
PRODUCT DESCRIPTIONS
20Z-1A DBLECTRO-20Z-1A Datasheet
711Kb / 2P
PRODUCT DESCRIPTIONS
21D-1E DBLECTRO-21D-1E Datasheet
732Kb / 2P
PRODUCT DESCRIPTIONS
21D-1E15 DBLECTRO-21D-1E15 Datasheet
631Kb / 2P
PRODUCT DESCRIPTIONS
25D DBLECTRO-25D Datasheet
670Kb / 2P
PRODUCT DESCRIPTIONS
26W DBLECTRO-26W Datasheet
485Kb / 2P
PRODUCT DESCRIPTIONS
30D-1A DBLECTRO-30D-1A Datasheet
769Kb / 2P
PRODUCT DESCRIPTIONS
40D-6A DBLECTRO-40D-6A Datasheet
1Mb / 2P
PRODUCT DESCRIPTIONS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com