Electronic Components Datasheet Search
  English  ▼

X  

IXTH60N20L2 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTH60N20L2
Description  N-Channel Enhancement Mode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH60N20L2 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTH60N20L2 Datasheet HTML 1Page - IXYS Corporation IXTH60N20L2 Datasheet HTML 2Page - IXYS Corporation IXTH60N20L2 Datasheet HTML 3Page - IXYS Corporation IXTH60N20L2 Datasheet HTML 4Page - IXYS Corporation IXTH60N20L2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2009 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25°C to 150°C
200
V
V
DGR
T
J
= 25°C to 150°C, R
GS = 1MΩ
200
V
V
GSS
Continuous
± 20
V
V
GSM
Transient
± 30
V
I
D25
T
C = 25°C
60
A
I
DM
T
C = 25°C, Pulse Width Limited by TJM
150
A
I
A
T
C = 25°C
60
A
E
AS
T
C = 25°C
2
J
P
D
T
C = 25°C
540
W
T
J
-55 to +150
°C
T
JM
+150
°C
T
stg
-55 to +150
°C
T
L
1.6mm (0.063in) from Case for 10s
300
°C
T
SOLD
Plastic Body for 10s
260
°C
M
d
Mounting Torque (TO-247&TO-3P)
1.13/10
Nm/lb.in.
Weight
TO-268
4.0
g
TO-3P
5.5
g
TO-247
6.0
g
N-Channel Enhancement Mode
Avalanche Rated
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 1mA
200
V
V
GS(th)
V
DS = VGS, ID = 250μA
2.5
4.5
V
I
GSS
V
GS = ± 20V, VDS = 0V
±100 nA
I
DSS
V
DS = VDSS, VGS = 0V
5 μA
T
J = 125°C
50 μA
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
45 m
Ω
Linear L2TM Power
MOSFET w/ Extended
FBSOA
IXTT60N20L2
IXTQ60N20L2
IXTH60N20L2
DS100203(10/09)
V
DSS
= 200V
I
D25
= 60A
R
DS(on)
≤≤≤≤≤ 45mΩ
Ω
Ω
Ω
Ω
Advance Technical Information
Features
Designed for Linear Operation
International Standard Packages
Avalanche Rated
Guaranteed FBSOA at 75°C
Advantages
Easy to Mount
Space Savings
High Power Density
Applications
Solid State Circuit Breakers
Soft Start Controls
Linear Amplifiers
Programmable Loads
Current Regulators
G = Gate
D
= Drain
S = Source
Tab = Drain
TO-247(IXTH)
G
D
S
Tab
TO-3P (IXTQ)
Tab
D
G
S
TO-268 (IXTT)
G
S
Tab


Similar Part No. - IXTH60N20L2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTH60N20L2 ISC-IXTH60N20L2 Datasheet
271Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTH60N20L2

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Technolo...
ARF446 ADPOW-ARF446 Datasheet
61Kb / 4P
N-CHANNEL ENHANCEMENT MODE
ARF450 ADPOW-ARF450 Datasheet
178Kb / 4P
N-CHANNEL ENHANCEMENT MODE
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
N P-Channel Enhancement Mode Enhancement Mode
logo
Guangdong Kexin Industr...
KO3414 KEXIN-KO3414 Datasheet
53Kb / 2P
N-Channel Enhancement Mode
logo
IXYS Corporation
IXTJ36N20 IXYS-IXTJ36N20 Datasheet
72Kb / 2P
N-Channel Enhancement Mode
IXTH220N075T IXYS-IXTH220N075T Datasheet
190Kb / 5P
N-Channel Enhancement Mode
IXTR62N15P IXYS-IXTR62N15P Datasheet
212Kb / 2P
N-Channel Enhancement Mode
logo
New Jersey Semi-Conduct...
VN0104N2 NJSEMI-VN0104N2 Datasheet
68Kb / 1P
N-Channel Enhancement-Mode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com