Electronic Components Datasheet Search
  English  ▼

X  

CB290 Datasheet(PDF) 2 Page - Marktech Corporate

Part # CB290
Description  Generation II LEDs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CB290 Datasheet(HTML) 2 Page - Marktech Corporate

  CB290 Datasheet HTML 1Page - Marktech Corporate CB290 Datasheet HTML 2Page - Marktech Corporate CB290 Datasheet HTML 3Page - Marktech Corporate CB290 Datasheet HTML 4Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Copyright © 2008 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the
Cree logo and G•SiC are registered trademarks, and SuperBlue is a trademark of Cree, Inc.
2
CPR3DN Rev. -
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com
Maximum Ratings at T
A = 25°C
Notes &3
C430CB290-S200
DC Forward Current
30 mA
Peak Forward Current (1/10 duty cycle @ 1kHz)
70 mA
LED Junction Temperature
125°C
Reverse Voltage
5 V
Operating Temperature Range
-40°C to +100°C
Storage Temperature Range
-40°C to +100°C
Electrostatic Discharge Threshold (HBM) Note 2
1000 V
Electrostatic Discharge Classification (MIL-STD-883E) Note 2
Class 2
Typical Electrical/Optical Characteristics at T
A = 25°C, If = 20 mA
Note 3
Part Number
Forward
Voltage
(V
f, V)
Radiant Flux
(P, mW)
Reverse
Current
[I(Vr=5V), μA]
Peak
Wavelength
(
λ
d, nm)
Dominant
Wavelength
(
λ
d, nm)
Full Width
Half Max
(
λ
D, nm)
Typ.
Max.
Min.
Typ.
Max.
Typ.
Min.
Typ.
Max.
Typ.
C430CB290-S2100
4.0
4.5
0.85
1.3
10
423
461
463
465
59
Mechanical Specifications
C430CB290-S200
Description
Dimension
Tolerance
P-N Junction Area (μm2)
240 x 240
± 35
Top Area (μm2)
260 x 260
± 35
Bottom Area (μm2)
260 x 260
± 35
Chip Thickness (μm)
250
± 25
Au Bond Pad Diameter (μm)
114
± 20
Au Bond Pad Thickness (μm)
1.1
± 0.5
Back Contact Metal Diameter (μm)
114
± 20
Notes:
Maximum ratings are package dependent. The above ratings were determined using a T-1 3/4 package (with Hysol OS4000
epoxy) for characterization. Ratings for other packages may differ. The forward currents (DC and Peak) are not limited by the die
but by the effect of the LED junction temperature on the package. The junction temperature limit of 125°C is a limit of the T-1
3/4 package; junction temperature should be characterized in a specific package to determine limitations. Assembly processing
temperature must not exceed 325°C (<5 seconds).
Product resistance to electrostatic discharge (ESD) according to the HBM is measured by simulating ESD using a rapid avalanche
energy test (RAET). The RAET procedures are designed to approximate the maximum ESD ratings shown. The ESD classification
of Class 2 is based on sample testing according to MIL-STD-883E.
All products conform to the listed minimum and maximum specifications for electrical and optical characteristics when assembled
and operated at 20 mA within the maximum ratings shown above. Efficiency decreases at higher currents. Typical values given
are within the range of average values expected by the manufacturer in large quantities and are provided for information only. All
measurements were made using lamps in T-1 3/4 packages (with Hysol OS4000 epoxy). Optical characteristics measured in an
integrating sphere using Illuminance A.
1.
2.
3.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com