Electronic Components Datasheet Search
  English  ▼

X  

CLV6A Datasheet(PDF) 1 Page - Marktech Corporate

Part # CLV6A
Description  PLCC6 3 in 1 SMD LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CLV6A Datasheet(HTML) 1 Page - Marktech Corporate

  CLV6A Datasheet HTML 1Page - Marktech Corporate CLV6A Datasheet HTML 2Page - Marktech Corporate CLV6A Datasheet HTML 3Page - Marktech Corporate CLV6A Datasheet HTML 4Page - Marktech Corporate CLV6A Datasheet HTML 5Page - Marktech Corporate CLV6A Datasheet HTML 6Page - Marktech Corporate CLV6A Datasheet HTML 7Page - Marktech Corporate CLV6A Datasheet HTML 8Page - Marktech Corporate CLV6A Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Subject to change without notice.
www.cree.com/ledlamps
FEATURES
• Size (mm): 5.5 x 5.5
• Dominant Wavelength (nm):
Red (619-624 )
Green (520-540)
Blue (460-480)
• Luminous Intensity (mcd)
Red (560 - 1120)
Green (1120 - 2240)
Blue (280 - 560)
• Water-Resistant (IPX5*)
• Moisture Sensitivity Level: 3
• Lead-Free
• RoHS Compliant
APPLICATIONS
• Outdoor Full-Color Video Screen
• Decorative lighting
• Amusement
Cree® PLCC6 3 in 1 SMD LED
CLV6A-FKB
Data Sheet
These SMD LEDs are packaged in an industry standard PLCC6 package.
These high performance tricolor SMT LEDs are designed to work in a wide
range of applications. A wide viewing angle and high brightness make
these LEDs suitable for outdoor signage applications.
The encapsulation resin contains UV inhibitors to minimize the effects of
long-term exposure to direct sunlight, resulting in stable light output over
the life of the LED.
* This part is tested under the condition of assembling it on a PCB with isolating the electrical path by silicone.


Similar Part No. - CLV6A

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLV6A-FKB CREE-CLV6A-FKB Datasheet
583Kb / 11P
PLCC6 3 in 1 SMD LED
logo
Marktech Corporate
CLV6A-FKB MARKTECH-CLV6A-FKB Datasheet
583Kb / 11P
Cree짰 PLCC6 3 in 1 SMD LED
logo
Cree, Inc
CLV6A-FKB-CK1P1G1BB7R3R3 CREE-CLV6A-FKB-CK1P1G1BB7R3R3 Datasheet
583Kb / 11P
PLCC6 3 in 1 SMD LED
logo
Marktech Corporate
CLV6A-FKB-CK1P1G1BB7R3R3 MARKTECH-CLV6A-FKB-CK1P1G1BB7R3R3 Datasheet
583Kb / 11P
Cree짰 PLCC6 3 in 1 SMD LED
logo
Cree, Inc
CLV6A-FKB-CKNPRGJBB7A363 CREE-CLV6A-FKB-CKNPRGJBB7A363 Datasheet
583Kb / 11P
PLCC6 3 in 1 SMD LED
More results

Similar Description - CLV6A

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLP6B-WKW CREE-CLP6B-WKW Datasheet
639Kb / 10P
PLCC6 3-in-1 SMD LED
CLP6C-RKW CREE-CLP6C-RKW Datasheet
493Kb / 8P
PLCC6 3-in-1 SMD LED
CLV6A-FKB CREE-CLV6A-FKB Datasheet
583Kb / 11P
PLCC6 3 in 1 SMD LED
logo
Marktech Corporate
CLP6C-FKB MARKTECH-CLP6C-FKB Datasheet
511Kb / 9P
PLCC6 3 in 1 SMD LED
CLP6C-RKW MARKTECH-CLP6C-RKW Datasheet
493Kb / 8P
PLCC6 3-in-1 SMD LED
CLP6C-FKB MARKTECH-CLP6C-FKB_15 Datasheet
511Kb / 9P
PLCC6 3 in 1 SMD LED
logo
Cree, Inc
CLY6D-FKC CREE-CLY6D-FKC Datasheet
1Mb / 10P
PLCC6 3 in 1 SMD LED
CLV6B-FKB CREE-CLV6B-FKB Datasheet
1Mb / 11P
PLCC6 3-in-1 SMD LED
CLX6A-FKB CREE-CLX6A-FKB Datasheet
1Mb / 11P
PLCC6 3 in 1 SMD LED
CLYBA-FKA CREE-CLYBA-FKA Datasheet
1Mb / 10P
PLCC6 3 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com