Electronic Components Datasheet Search
  English  ▼

X  

IXTR36P15P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTR36P15P
Description  P-Channel Enhancement Mode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTR36P15P Datasheet(HTML) 1 Page - IXYS Corporation

  IXTR36P15P Datasheet HTML 1Page - IXYS Corporation IXTR36P15P Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2011 IXYS CORPORATION, All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 175°C
-150
V
V
DGR
T
J
= 25
°C to 175°C, R
GS = 1MΩ
-150
V
V
GSS
Continuous
± 20
V
V
GSM
Transient
± 30
V
I
D25
T
C = 25°C
- 22
A
I
DM
T
C = 25°C, Pulse Width Limited by TJM
-100
A
I
A
T
C = 25°C
- 36
A
E
AS
T
C = 25°C
1.5
J
dv/dt
I
S
≤ I
DM, VDD ≤ VDSS, TJ ≤ 175°C
10
V/ns
P
D
T
C = 25°C
150
W
T
J
- 55 ... +175
°C
T
JM
175
°C
T
stg
- 55 ... +175
°C
T
L
1.6mm (0.062 in.) from Case for 10s
300
°C
T
SOLD
Plastic Body for 10s
260
°C
V
ISOL
50/60 Hz, RMS, t = 1minute
2500
V~
F
C
Mounting Force (ISOPLUS220)
11..65 / 25..14.6
N/lb
F
C
Mounting Force (ISOPLUS247)
20..120 / 4.5..27
N/lb
Weight
ISOPLUS220
2
g
ISOPLUS247
5
g
PolarPTM Power MOSFET
(Electrically Isolated Tab)
P-Channel Enhancement Mode
Avalanche Rated
IXTC36P15P
IXTR36P15P
V
DSS
= -150V
I
D25
= - 22A
R
DS(on) ≤
≤≤≤≤ 120m
Ω
Ω
Ω
Ω
Ω
DS99792A(01/11)
Features
Silicon Chip on Direct-Copper Bond
(DCB) Substrate
Isolated Mounting Surface
2500V~ Electrical Isolation
Avalanche Rated
Extended FBSOA
Fast Intrinsic Diode
Low R
DS(ON) and QG
Advantages
Easy to Mount
Space Savings
High Power Density
Applications
High-Side Switching
Push Pull Amplifiers
DC Choppers
Automatic Test Equipment
Current Regulators
Battery Charger Applications
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = - 250μA
-150
V
V
GS(th)
V
DS = VGS, ID = - 250μA
- 3.0
- 5.0
V
I
GSS
V
GS = ± 20V, VDS = 0V
±100 nA
I
DSS
V
DS = VDSS, VGS = 0V
- 10
μA
T
J = 150°C
- 250
μA
R
DS(on)
V
GS = -10V, ID = -18A, Note 1
120 m
Ω
Preliminary Technical Information
G = Gate
D = Drain
S = Source
G
S
D
ISOPLUS220 (IXTC)
E153432
G
D
S
ISOPLUS247 (IXTR)
E153432
Isolated
Isolated


Similar Part No. - IXTR36P15P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTR30N25 IXYS-IXTR30N25 Datasheet
80Kb / 2P
N-Channel Enhancement Mode
IXTR32P60P IXYS-IXTR32P60P Datasheet
123Kb / 5P
P-Channel Enhancement Mode Avalanche Rated
More results

Similar Description - IXTR36P15P

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
3N163-4 LINEAR-3N163-4 Datasheet
18Kb / 2P
P-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Electron...
AP3310H A-POWER-AP3310H Datasheet
86Kb / 6P
P-CHANNEL ENHANCEMENT MODE
AP4407S A-POWER-AP4407S Datasheet
79Kb / 4P
P-CHANNEL ENHANCEMENT MODE
AP4435M A-POWER-AP4435M Datasheet
85Kb / 6P
P-CHANNEL ENHANCEMENT MODE
AP9563H A-POWER-AP9563H Datasheet
78Kb / 4P
P-CHANNEL ENHANCEMENT MODE
AP9575H A-POWER-AP9575H Datasheet
77Kb / 4P
P-CHANNEL ENHANCEMENT MODE
logo
Alpha & Omega Semicondu...
AO6409AL AOSMD-AO6409AL Datasheet
285Kb / 5P
P-Channel Enhancement Mode
logo
IXYS Corporation
IXTH90P10P IXYS-IXTH90P10P Datasheet
138Kb / 5P
P-Channel Enhancement Mode
IXTR16P60P IXYS-IXTR16P60P Datasheet
129Kb / 5P
P-Channel Enhancement Mode
logo
Supertex, Inc
VP0808L-G SUTEX-VP0808L-G Datasheet
575Kb / 3P
P-Channel Enhancement-Mode P-Channel Enhancement-Mode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com