Electronic Components Datasheet Search
  English  ▼

X  

IXTX210P10T Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTX210P10T
Description  P-Channel Enhancement Mode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTX210P10T Datasheet(HTML) 1 Page - IXYS Corporation

  IXTX210P10T Datasheet HTML 1Page - IXYS Corporation IXTX210P10T Datasheet HTML 2Page - IXYS Corporation IXTX210P10T Datasheet HTML 3Page - IXYS Corporation IXTX210P10T Datasheet HTML 4Page - IXYS Corporation IXTX210P10T Datasheet HTML 5Page - IXYS Corporation IXTX210P10T Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2013 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
-100
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
-100
V
V
GSS
Continuous
±15
V
V
GSM
Transient
±25
V
I
D25
T
C = 25°C (Chip Capability)
- 210
A
I
LRMS
Lead Current Limit, RMS
-160
A
I
DM
T
C = 25°C, Pulse Width Limited by TJM
- 800
A
I
A
T
C = 25°C
-100
A
E
AS
T
C = 25°C3
J
dv/dt
I
S
≤ I
DM, VDD ≤ VDSS, TJ ≤ 150°C
10
V/ns
P
D
T
C = 25°C
1040
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6mm (0.062 in.) from Case for 10s
300
°C
T
SOLD
Plastic Body for 10s
260
°C
M
d
Mounting Torque (TO-264)
1.13/10
Nm/lb.in.
F
C
Mounting Force
(PLUS247)
20..120 /4.5..27
N/lb.
Weight
TO-264
10
g
PLUS247
6
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = - 250μA
-100
V
V
GS(th)
V
DS = VGS, ID = - 250μA
- 2.5
- 4.5
V
I
GSS
V
GS = ±15V, VDS = 0V
±200 nA
I
DSS
V
DS = VDSS, VGS = 0V
- 25
μA
T
J = 125°C
- 300 μA
R
DS(on)
V
GS = -10V, ID = 0.5 • ID25, Note 1
7.5 m
Ω
IXTK210P10T
IXTX210P10T
V
DSS
=
- 100V
I
D25
=
- 210A
R
DS(on) ≤
≤≤≤≤
7.5m
Ω
Ω
Ω
Ω
Ω
t
rr
≤≤≤≤≤
200ns
DS100397A(01/13)
P-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Rectifier
G = Gate
D
= Drain
S = Source
Tab = Drain
PLUS247 (IXTX)
Tab
G
D
S
TO-264 (IXTK)
S
G
D
Tab
TrenchPTM
Power MOSFETs
Features
International Standard Packages
High Current Handling Capability
Avalanche Rated
Extended FBSOA
Fast Intrinsic Recitifier
Low R
DS(ON) and QG
Advantages
Easy to Mount
Space Savings
High Power Density
Applications
High-Side Switching
Push Pull Amplifiers
DC Choppers
Automatic Test Equipment
Current Regulators
Battery Charger Applications
Preliminary Technical Information


Similar Part No. - IXTX210P10T

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTX200N10L2 IXYS-IXTX200N10L2 Datasheet
139Kb / 5P
Linear L2 Power MOSFET w/ Extended FBSOA
logo
Inchange Semiconductor ...
IXTX200N10L2 ISC-IXTX200N10L2 Datasheet
272Kb / 2P
isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXTX20N150 IXYS-IXTX20N150 Datasheet
148Kb / 5P
High Voltage Power MOSFET Extended FBSOA
logo
Inchange Semiconductor ...
IXTX20N150 ISC-IXTX20N150 Datasheet
389Kb / 2P
N-Channel MOSFET Transistor
logo
IXYS Corporation
IXTX22N100L IXYS-IXTX22N100L Datasheet
178Kb / 5P
N-Channel Enhancement Mode
More results

Similar Description - IXTX210P10T

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
3N163-4 LINEAR-3N163-4 Datasheet
18Kb / 2P
P-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Electron...
AP3310H A-POWER-AP3310H Datasheet
86Kb / 6P
P-CHANNEL ENHANCEMENT MODE
AP4407S A-POWER-AP4407S Datasheet
79Kb / 4P
P-CHANNEL ENHANCEMENT MODE
AP4435M A-POWER-AP4435M Datasheet
85Kb / 6P
P-CHANNEL ENHANCEMENT MODE
AP9563H A-POWER-AP9563H Datasheet
78Kb / 4P
P-CHANNEL ENHANCEMENT MODE
AP9575H A-POWER-AP9575H Datasheet
77Kb / 4P
P-CHANNEL ENHANCEMENT MODE
logo
Alpha & Omega Semicondu...
AO6409AL AOSMD-AO6409AL Datasheet
285Kb / 5P
P-Channel Enhancement Mode
logo
IXYS Corporation
IXTH90P10P IXYS-IXTH90P10P Datasheet
138Kb / 5P
P-Channel Enhancement Mode
IXTR16P60P IXYS-IXTR16P60P Datasheet
129Kb / 5P
P-Channel Enhancement Mode
logo
Supertex, Inc
VP0808L-G SUTEX-VP0808L-G Datasheet
575Kb / 3P
P-Channel Enhancement-Mode P-Channel Enhancement-Mode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com