Electronic Components Datasheet Search
  English  ▼

X  

ADS1202IPWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1202IPWR
Description  Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1202IPWR Datasheet(HTML) 2 Page - Texas Instruments

  ADS1202IPWR Datasheet HTML 1Page - Texas Instruments ADS1202IPWR Datasheet HTML 2Page - Texas Instruments ADS1202IPWR Datasheet HTML 3Page - Texas Instruments ADS1202IPWR Datasheet HTML 4Page - Texas Instruments ADS1202IPWR Datasheet HTML 5Page - Texas Instruments ADS1202IPWR Datasheet HTML 6Page - Texas Instruments ADS1202IPWR Datasheet HTML 7Page - Texas Instruments ADS1202IPWR Datasheet HTML 8Page - Texas Instruments ADS1202IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
ADS1202
2
SBAS275B
www.ti.com
PIN
NUMBER
NAME
DESCRIPTION
1
M0
Mode Input
2VIN+
Analog Input: Noninverting Input
3VIN–
Analog Input: Inverting Input
4
M1
Mode Input
5
GND
Power Supply Ground
6
MDAT
Modulator Data Output
7
MCLK
Modulator Clock Input or Output
8VDD
Power Supply, +5V Nominal
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
PARAMETER
MIN
NOM
MAX
UNIT
Supply Voltage, VDD
4.75
5.0
5.25
V
Analog Input Voltage, VIN
–250
+250
mV
Operating Common-Mode Signal, VCM
05
V
External Clock(1)
16
20
24
MHz
Operating Junction Temperature Range
–40
105
°C
NOTE: (1) With reduced accuracy, minimum clock can go up to 500kHz.
ABSOLUTE MAXIMUM RATINGS
Over operating free-air temperature (unless otherwise noted)(1)
Supply Voltage, GND to VDD ................................................. –0.3V to 6V
Analog Input Voltage Range ......................... GND – 0.4V to VDD + 0.3V
Digital Input Voltage Range .......................... GND – 0.3V to VDD + 0.3V
Power Dissipation ............................................................................ 0.25W
Operating Virtual Junction Temperature Range, TJ ........ –40°C to +150°C
Operating Free-Air Temperature Range, TA .................... –40°C to +85°C
Storage Temperature Range, TSTG ................................ –65°C to +150°C
Lead Temperature 1.6mm (1/16") from Case for 10s .................. +260
°C
NOTE: (1) Stresses beyond those listed under the Absolute Maximum Ratings
may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond
those indicated under the Recommended Operating Conditions is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may
affect device reliability.
DERATING
TA < 25°C
FACTOR
TA = 70°CTA = 85°C
POWER
ABOVE
POWER
POWER
PACKAGE
RATING
TA = 25°C(1)
RATING
RATING
TSSOP-8
483.6mW
3.868mW/
°C
309.5mW
251.4mW
NOTE: (1) This is the inverse of the traditional junction-to-ambient thermal
resistance (Rθ
JA
). Thermal resistances are not production tested and are for
informational purposes only.
DISSIPATION RATING
MAXIMUM
INTEGRAL
SPECIFIED
LINEARITY
MAXIMUM
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
ERROR (LSB)
GAIN ERROR (%)
PACKAGE-LEAD DESIGNATOR(1)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
ADS1202
12
±2
TSSOP-8
PW
–40
°C to +85°C
ADS1202I
ADS1202IPWT
Tape and Reel, 250
ADS1202
""
"
"
"
"
ADS1202IPWR
Tape and Reel, 2000
PACKAGE/ORDERING INFORMATION
NOTE: (1) For the most current specifications and package information, refer to our web site at www.ti.com.
1
2
3
4
8
7
6
5
M0
V
IN+
V
IN–
M1
V
DD
MCLK
MDAT
GND
ADS1202
PIN CONFIGURATION
PIN DESCRIPTIONS
Top View
TSSOP
R
ON = 350Ω
C
(SAMPLE) = 5pF
V
DD
V
DD
D
IN
GND
GND
A
IN
Diode Turn on Voltage: 0.35V
Equivalent Analog Input Circuit
Equivalent Digital Input Circuit
EQUIVALENT INPUT CIRCUIT
RECOMMENDED OPERATING CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com