Electronic Components Datasheet Search
  English  ▼

X  

MMBTA56 Datasheet(PDF) 2 Page - General Semiconductor

Part # MMBTA56
Description  Small Signal Transistors (PNP)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

MMBTA56 Datasheet(HTML) 2 Page - General Semiconductor

  MMBTA56 Datasheet HTML 1Page - General Semiconductor MMBTA56 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified
SYMBOL
MIN.
.MAX.
UNIT
Collector-Emitter Breakdown Voltage
at -IC = 1 mA, IB = 0 mA
-VBR(CEO)
80
–
V
Emitter-Base Breakdown Voltage
at IE = 100 mA, IC = 0
-V(BR)EBO
4.0
–
V
Collector-Emitter Cutoff Current
-VCE = 60 V, -IB = 0
-ICES
–
100
nA
Collector-Base Cutoff Current
-VCB = 80 V, IE = 0
-ICBO
–
100
nA
Collector Saturation Voltage
at -IC = 100 mA, -IB = 10 mA
-VCEsat
–
0.25
V
Base-Emitter On Voltage
at -IC = 100 mA, -IB = 10 mA
-VBE(on)
–
1.2
V
at -IC = 50 mA, -IB = 5 mA
-VBE(on)
–
1.2
V
DC Current Gain
at VCE = 1 V, -IC = 10 mA
hFE
100
–
–
at VCE = 1 V, -IC = 100 mA
hFE
100
–
–
Gain-Bandwidth Product
at VCE = 1 V, IC = 100 mA, f = 100 MHz
fT
50
–
MHz
MMBTA56
0.59 (15)
0.2 (5)
0.03 (0.8)
0.30 (7.5)
0.12 (3)
.04 (1)
0.06 (1.5)
0.20 (5.1)
.08 (2)
.08 (2)
.04 (1)
0.47 (12)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com