Electronic Components Datasheet Search
  English  ▼

X  

2N490 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # 2N490
Description  UNIJUNCTION TRANSISTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

2N490 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  2N490 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 2N490

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N490 NJSEMI-2N490 Datasheet
144Kb / 1P
Diode
logo
Digitron Semiconductors
2N490 DIGITRON-2N490 Datasheet
343Kb / 6P
NPN SILICON UNIJUNCTION TRANSISTOR
logo
Mospec Semiconductor
2N4900 MOSPEC-2N4900 Datasheet
180Kb / 4P
POWER TRANSISTORS(1A, 25W)
logo
Central Semiconductor C...
2N4900 CENTRAL-2N4900 Datasheet
51Kb / 1P
Power Transistors
logo
List of Unclassifed Man...
2N4900 ETC-2N4900 Datasheet
347Kb / 8P
Power Transistors
More results

Similar Description - 2N490

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N4870 BOCA-2N4870 Datasheet
162Kb / 5P
PN UNIJUNCTION TRANSISTORS SILICON UNIJUNCTION TRANSISTORS
logo
Motorola, Inc
2N4948 MOTOROLA-2N4948 Datasheet
70Kb / 2P
PN UNIJUNCTION TRANSISTORS SILICON PN UNIJUNCTION TRANSISTORS
logo
Comset Semiconductor
2N2646 COMSET-2N2646 Datasheet
104Kb / 3P
SILICON UNIJUNCTION TRANSISTORS
logo
New Jersey Semi-Conduct...
2N4870 NJSEMI-2N4870 Datasheet
113Kb / 1P
PN UNIJUNCTION TRANSISTORS
2N4948 NJSEMI-2N4948 Datasheet
104Kb / 1P
UNIJUNCTION TRANSISTORS
logo
Comset Semiconductor
2N2646 COMSET-2N2646_12 Datasheet
124Kb / 2P
SILICON UNIJUNCTION TRANSISTORS
logo
Digitron Semiconductors
D13T3 DIGITRON-D13T3 Datasheet
217Kb / 3P
PROGRAMMABLE UNIJUNCTION TRANSISTORS
2N4870 DIGITRON-2N4870 Datasheet
954Kb / 4P
PN UNIJUNCTION TRANSISTORS
2N4851 DIGITRON-2N4851 Datasheet
305Kb / 4P
PN UNIJUNCTION TRANSISTORS
logo
New Jersey Semi-Conduct...
SK3628 NJSEMI-SK3628 Datasheet
28Kb / 1P
Unijunction Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com