Electronic Components Datasheet Search
  English  ▼

X  

TLV1570CPWR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1570CPWR
Description  2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1570CPWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV1570CPWR Datasheet HTML 9Page - Texas Instruments TLV1570CPWR Datasheet HTML 10Page - Texas Instruments TLV1570CPWR Datasheet HTML 11Page - Texas Instruments TLV1570CPWR Datasheet HTML 12Page - Texas Instruments TLV1570CPWR Datasheet HTML 13Page - Texas Instruments TLV1570CPWR Datasheet HTML 14Page - Texas Instruments TLV1570CPWR Datasheet HTML 15Page - Texas Instruments TLV1570CPWR Datasheet HTML 16Page - Texas Instruments TLV1570CPWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
TLV1570
2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS
SERIAL ANALOG-TO-DIGITAL CONVERTER
SLAS169B – DECEMBER 1997– REVISED OCTOBER 2000
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics, over recommended operating free-air temperature range, supply
voltages, and reference voltages (unless otherwise noted) (continued)
dc specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
10
Bits
Accuracy
Integral nonlinearity, INL
Best fit
±0.6
±1
LSB
Differential nonlinearity, DNL
±0.65
±1
LSB
EO
Offset error
±0.1
±0.15 %FSR
EG
Gain error
±0.1
±0.2 %FSR
Analog input
Ci
Input capacitance
15
20
pF
Ilkg
Input leakage current
VAIN = 0 V to AVDD
±1
µA
Ri(MUX)
Input MUX ON resistance
DVDD = 3 V,
AVDD = 3 V
265
780
Ω
Ri(MUX)
Input MUX ON resistance
DVDD = 5 V,
AVDD = 5 V
235
450
Ω
Ri(ADC)
Input MUX ON resistance
DVDD = 3 V,
AVDD = 3 V
158
465
Ω
Ri(ADC)
Input MUX ON resistance
DVDD = 5 V,
AVDD = 5 V
140
268
Ω
Voltage reference
REF
Internal reference voltage
Internal reference mode, VDD = 3 V
2.08
2.26
2.48
V
REF
Internal reference voltage
Internal reference mode, VDD = 5 V
3.48
3.82
4.15
V
Temperature coefficient
100
ppm/
°C
ri
Input resistance
External reference mode
3
k
Ω
Ci(VR)
Input capacitance
External reference mode
300
pF
Power supply
IDD +IREF Operating supply current
AVDD = 2.7 V, DVDD = 2.7 V, fSCLK = 10 MHz†
3
5
mA
IDD + IREF Operating supply current
AVDD = 5.5 V, DVDD = 5.5 V, fSCLK = 20 MHz‡
7.2
8.5
mA
PD
Power dissipation
AVDD = 2.7 V, DVDD = 2.7 V
8
13
mW
PD
Power dissi ation
AVDD = 5.5 V, DVDD = 5.5 V
40
47
mW
AVDD=2 7V
CS = AVDD
3
10
µA
Software
IDD +IREF
AVDD = 2.7 V
CS = AGND
500
µA
Supply current in
Software
IDD + IREF
AVDD=5 5V
CS = AVDD
3
10
µA
y
power down
AVDD = 5.5 V
CS = AGND
2000
µA
Auto
IDD +IREF
AVDD = 2.7V
175
275
µA
Auto
IDD + IREF
AVDD = 5.5V
200
300
µA
† IREF = 0.7 mA typ.
‡ IREF = 1.5 mA typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com