Electronic Components Datasheet Search
  English  ▼

X  

NSB8AT Datasheet(PDF) 1 Page - General Semiconductor

Part # NSB8AT
Description  GLASS PASSIVATED GENERAL PURPOSE PLASTIC RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

NSB8AT Datasheet(HTML) 1 Page - General Semiconductor

  NSB8AT Datasheet HTML 1Page - General Semiconductor NSB8AT Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NSB8AT THRU NSB8MT
GLASS PASSIVATED GENERAL PURPOSE PLASTIC RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 8.0 Amperes
FEATURES
♦ Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
♦ High forward current capability
♦ High surge current capability
♦ Low forward voltage drop
♦ Glass passivated chip junction
♦ High temperature soldering in accordance with
CECC 802 / Reflow guaranteed
MECHANICAL DATA
Case: JEDEC TO-263AA molded plastic body
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Polarity: As marked
Mounting Position: Any
Weight: 0.08 ounce, 2.24 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
NSB8
NSB8
NSB8
NSB8
NSB8
NSB8
NSB8
SYMBOLS
AT
BT
DT
GT
JT
KT
MT
UNITS
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum average forward rectified current at TC=100°C
I(AV)
8.0
Amps
Peak forward surge current
8.3ms single half sine-wave superimposed on
IFSM
175.0
Amps
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 8.0A
VF
1.1
Volts
Maximum DC reverse current
at rated DC blocking voltage
TC=25°C
IR
10.0
µA
TC=100°C
100.0
Typical junction capacitance (NOTE 1)
CJ
55.0
pF
Typical thermal resistance (NOTE 2)
R
ΘJC
3.0
°C/W
Operating junction and storage temperature range
TJ, TSTG
-55 to +150
°C
NOTES:
(1) Measured at 1.0 MHz and applied reversed voltage of 4.0 Volts
(2) Thermal resistance from junction to case mounted on heatsink
4/98
NEW PRODUCT
NEW PRODUCT
NEW PRODUCT
TO-263AA
Dimensions in inches and (millimeters)
-T-
SEATING
PLATE
0.380 (9.65)
0.420 (10.67)
0.320 (8.13)
0.360 (9.14)
0.575 (14.60)
0.625 (15.88)
0.027 (0.686)
0.037 (0.940)
1
2
0.160 (4.06)
0.190 (4.83)
0.045 (1.14)
0.055 (1.40)
0.018 (0.46)
0.025 (0.64)
0.080 (2.03)
0.110 (2.79)
0.090 (2.29)
0.110 (2.79)
0.245 (6.22)
MIN
- HEATSINK
PIN 1
K
K
0.095 (2.41)
0.100 (2.54)
K
PIN 2
0.047 (1.19)
0.055 (1.40)


Similar Part No. - NSB8AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NSB8AT VISHAY-NSB8AT Datasheet
41Kb / 3P
Glass Passivated General Purpose Plastic Rectifier
08-Jul-02
NSB8AT VISHAY-NSB8AT Datasheet
132Kb / 5P
Glass Passivated General Purpose Plastic Rectifier
08-Nov-07
More results

Similar Description - NSB8AT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
NS8AT GE-NS8AT Datasheet
73Kb / 2P
GLASS PASSIVATED GENERAL PURPOSE PLASTIC RECTIFIER
NSF8AT GE-NSF8AT Datasheet
44Kb / 2P
GLASS PASSIVATED GENERAL PURPOSE PLASTIC RECTIFIER
logo
Vishay Siliconix
NSXT VISHAY-NSXT Datasheet
41Kb / 3P
Glass Passivated General Purpose Plastic Rectifier
08-Jul-02
NS8AT VISHAY-NS8AT_07 Datasheet
132Kb / 5P
Glass Passivated General Purpose Plastic Rectifier
08-Nov-07
NS8KT-E345 VISHAY-NS8KT-E345 Datasheet
131Kb / 5P
Glass Passivated General Purpose Plastic Rectifier
20-Jan-14
NSB8JT-E3 VISHAY-NSB8JT-E3 Datasheet
131Kb / 5P
Glass Passivated General Purpose Plastic Rectifier
20-Jan-14
logo
Central Semiconductor C...
CPR4-020 CENTRAL-CPR4-020_15 Datasheet
77Kb / 2P
GLASS PASSIVATED GENERAL PURPOSE RECTIFIER
logo
Vishay Siliconix
NS8XT VISHAY-NS8XT Datasheet
136Kb / 5P
Glass Passivated General Purpose Plastic Rectifier
09-Feb-15
NS8XT VISHAY-NS8XT_V01 Datasheet
125Kb / 5P
Glass Passivated General Purpose Plastic Rectifier
06-May-2021
NSFB8AT VISHAY-NSFB8AT Datasheet
124Kb / 5P
Glass Passivated General Purpose Plastic Rectifier
08-Nov-07
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com