Electronic Components Datasheet Search
  English  ▼

X  

3SK255 Datasheet(PDF) 2 Page - NEC

Part # 3SK255
Description  RF AMPLIFIER FOR UHF TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS SUPER MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

3SK255 Datasheet(HTML) 2 Page - NEC

  3SK255 Datasheet HTML 1Page - NEC 3SK255 Datasheet HTML 2Page - NEC 3SK255 Datasheet HTML 3Page - NEC 3SK255 Datasheet HTML 4Page - NEC 3SK255 Datasheet HTML 5Page - NEC 3SK255 Datasheet HTML 6Page - NEC 3SK255 Datasheet HTML 7Page - NEC 3SK255 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3SK255
2
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Drain to Source Breakdown Voltage
BVDSX
18
V
VG1S = VG2S = –2 V, ID = 10
µA
Drain Current
IDSX
0.5
7.0
mA
VDS = 3.5 V, VG2S = 3 V, VG1S = 0.75 V
Gate1 to Source Cutoff Voltage
VG1S(off)
–1.0
0
+1.0
V
VDS = 3.5 V, VG2S = 3 V, ID = 10
µA
Gate2 to Source Cutoff Voltage
VG2S(off)
0
0.5
1.0
V
VDS = 3.5 V, VG1S = 3 V, ID = 10
µA
Gate1 Reverse Current
IG1SS
±20
nA
VDS = 0, VG2S = 0, VG1S =
±6 V
Gate2 Reverse Current
IG2SS
±20
nA
VDS = 0, VG1S = 0, VG2S =
±6 V
Forward Transfer Admittance
|yfs|14
19
24
mS
VDS = 3.5 V, VG2S = 3 V, ID = 7 mA
f = 1 kHz
Input Capacitance
Ciss
1.2
1.7
2.2
pF
VDS = 3.5 V, VG2S = 3 V, ID = 7 mA
Output Capacitance
Coss
0.5
1.0
1.5
pF
f = 1 MHz
Reverse Transfer Capacitance
Crss
0.01
0.03
pF
Power Gain
Gps
15
18
21
dB
VDS = 3.5 V, VG2S = 3 V, ID = 7 mA
Noise Figure
NF
1.8
3.0
dB
f = 900 MHz
IDSX Classification
Rank
U1G
Marking
U1G
IDSX (mA)
0.5 to 7.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com