Electronic Components Datasheet Search
  English  ▼

X  

MLB Datasheet(PDF) 1 Page - Marktech Corporate

Part # MLB
Description  Cree ML-B White Series on Linear Board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MLB Datasheet(HTML) 1 Page - Marktech Corporate

  MLB Datasheet HTML 1Page - Marktech Corporate MLB Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Flux Characteristics (T
j=25
0
C--White)(per LED)
COLOR TEMPERATURE
CCT(TYP.)(OK)*
MIN.FLUX (LM) @80MA
KIT USED
Cool White
4750--5250
23.5
0WA1
Neutral White
3700--4300
18.1
0VE5
Warm White
2800--3200
18.1
0VZ7
*See Cree Specifications
Cree ML-B White Series
The lighting class 1/4-watt XLamp ML-B LED brings high performance and a
smooth look to a wide range of lighting applications, including linear lighting,
LED replacement lamps, fluorescent retrofits and retail-display lighting.
FEATURES
> Wide Viewing Angle: 1200
> Thermal Resistance: 250C/W
> Maximum Drive Current: 0.175A
APPLICATIONS
> Linear Lighting
> Fluorescent Retrofits
> Retail Display
*Absolute Maximum Ratings (Note 1)
ITEMS
SYMBOL
RATING
UNIT
Forward Current - (Note 2)
I
F
175
mA
Forward Voltage (TYPICAL)(@80mA)
V
F
13.2
V
Reverse Voltage
V
R
-5.0
V
Operating Temperature at T
B Point (Note 2&3))
T
OPR
100
0
C
Junction Temperature
T
J
150
0
C
ESD Classification (HBM per MIL-STD-883D)
--
Class 2
--
Cree ML-B White Series on Linear Board
Global Headquarters, 3 Northway Lane North, Latham, NY 12110, USA
www.marktechopto.com
TOLL FREE:
1-800-984-5337 • PHONE: 518-956-2980 • FAX: 518-785-4725 • EMAIL: info@marktechopto.com
1
2012-08-13
* Exceeding maximum ratings may damage the LED and cause potential safety hazards.
* Elevated operating temperatures can be expected to negatively impact the service life (lumen output)
* All data is related to entire assembly. Data reflects statistical mean values. Actual data may differ depending on variances in the
manufacturing process.
* End users need to take into account the lumen depreciation as the temperature rises with various thermal solutions installed.
* It is highly recommended for the user to review the CREE ML-B Series page for additional and most recent technical data at
http://www.cree.com/led-components-and-modules/products/xlamp/discrete-nondirectional/xlamp-mlb


Similar Part No. - MLB

ManufacturerPart #DatasheetDescription
logo
PCTEL, Inc.
MLB PCTEL-MLB Datasheet
161Kb / 1P
Lowband Quarter Wave Antennas
logo
KITAGAWA GmbH
MLB KGS-MLB Datasheet
2Mb / 3P
Ferrite Chip Bead, high current type
MLB KGS-MLB Datasheet
2Mb / 3P
Ferrite Chip Bead for high speed application
MLB KGS-MLB Datasheet
4Mb / 4P
Ferrite Chip Bead, normal type
logo
List of Unclassifed Man...
MLB-1 ETC2-MLB-1 Datasheet
412Kb / 2P
Flush and extended pushbuttons Non-illuminated Momentary and maintained
More results

Similar Description - MLB

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MLC MARKTECH-MLC Datasheet
645Kb / 2P
Cree ML-C White Series on Linear Board
MLE-WHITE MARKTECH-MLE-WHITE Datasheet
638Kb / 2P
Cree ML-E White Series on Linear Board
MLB MARKTECH-MLB_15 Datasheet
648Kb / 2P
Cree ML-B White Series on Linear Board
MLC MARKTECH-MLC_15 Datasheet
645Kb / 2P
Cree ML-C White Series on Linear Board
MTG7-002S-MLB00-CW-0WA1 MARKTECH-MTG7-002S-MLB00-CW-0WA1 Datasheet
648Kb / 2P
Cree ML-B White Series on Linear Board
MTG7-002S-MLB00-NW-0VE5 MARKTECH-MTG7-002S-MLB00-NW-0VE5 Datasheet
648Kb / 2P
Cree ML-B White Series on Linear Board
MTG7-002S-MLB00-WR-0VZ7 MARKTECH-MTG7-002S-MLB00-WR-0VZ7 Datasheet
648Kb / 2P
Cree ML-B White Series on Linear Board
MTG7-002S-MLC00-CW-00DZ MARKTECH-MTG7-002S-MLC00-CW-00DZ Datasheet
645Kb / 2P
Cree ML-C White Series on Linear Board
MTG7-002S-MLC00-NW-0XE5 MARKTECH-MTG7-002S-MLC00-NW-0XE5 Datasheet
645Kb / 2P
Cree ML-C White Series on Linear Board
MTG7-002S-MLE00-NW-03E5 MARKTECH-MTG7-002S-MLE00-NW-03E5 Datasheet
638Kb / 2P
Cree ML-E White Series on Linear Board
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com