Electronic Components Datasheet Search
  English  ▼

X  

SS12-TP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SS12-TP
Description  1 Amp Schottky Rectifier 20 to 100 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SS12-TP Datasheet(HTML) 1 Page - Micro Commercial Components

  SS12-TP Datasheet HTML 1Page - Micro Commercial Components SS12-TP Datasheet HTML 2Page - Micro Commercial Components SS12-TP Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SS12
THRU
SS110
1 Amp Schottky
Rectifier
20 to 100 Volts
Features
•
Low Forward Voltage
•
Guard Ring Protection
•
High Current Capability
Maximum Ratings
•
Operating Temperature: -55
°C to +125°C
•
Storage Temperature: -55
°C to +150°C
•
Maximum Thermal Resistance; 28
°C/W Junction To Lead
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
SS12
SS12
20V
14V
20V
SS13
SS13
30V
21V
30V
SS14
SS14
40V
28V
40V
SS15
SS15
50V
35V
50V
SS16
SS16
60V
42V
60V
SS18
SS18
80V
56V
80V
SS110
SS110
100V
70V
100V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TJ = 100
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
SS12
SS13
SS14
SS15-16
SS18-110
VF
.45V
.55V
.60V
.70V
.85V
IFM = 1.0A;
TJ = 25
°C*
Typical Junction
Capacitance
SS12 - SS16
SS18-SS110
CJ
110pF
30pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
0.5mA
20mA
TA = 25
°C
TA = 100
°C
H
J
E
F
G
A
B
D
C
Cathode Band
0.070”
0.090”
0.085”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.078
.116
1.98
2.95
B
.067
.089
1.70
2.25
C
.002
.008
.05
.20
D
---
.02
---
.51
E
.035
.055
.89
1.40
F
.065
.096
1.65
2.45
G
.205
.224
5.21
5.69
H
.160
.180
4.06
4.57
J
.100
.112
2.57
2.84
DO-214AC
(SMA) (High Profile)
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
Revision:
B
20
11/11/01
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
NOT RECOMMENDED FOR NEW DESIGNS
USE SS12E-TP~SS110E-TP SERIES


Similar Part No. - SS12-TP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SS12-TPCT-ND MICROCHIP-SS12-TPCT-ND Datasheet
2Mb / 16P
RN-171 802.11 b/g Wireless LAN Module
Version 3.21 10/2/2012
More results

Similar Description - SS12-TP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SS12 MCC-SS12 Datasheet
353Kb / 2P
1 Amp Schottky Rectifier 20 to 100 Volts
SK12-L MCC-SK12-L Datasheet
282Kb / 3P
1 Amp Schottky Rectifier 20 to 100 Volts
SS12 MCC-SS12_11 Datasheet
187Kb / 3P
1 Amp Schottky Rectifier 20 to 100 Volts
SS12E MCC-SS12E Datasheet
205Kb / 3P
1 Amp Schottky Rectifier 20 to 100 Volts
SK15-LTP MCC-SK15-LTP Datasheet
325Kb / 3P
1 Amp Schottky Rectifier 20 to 100 Volts
2013/01/01
SK110-LTP MCC-SK110-LTP Datasheet
312Kb / 3P
1 Amp Schottky Rectifier 20 to 100 Volts
SS18E-TP MCC-SS18E-TP Datasheet
234Kb / 3P
1 Amp Schottky Rectifier 20 to 100 Volts
SS12E MCC-SS12E_16 Datasheet
218Kb / 3P
1 Amp Schottky Rectifier 20 to 100 Volts
SS12FL MCC-SS12FL Datasheet
369Kb / 3P
1 Amp Schottky Rectifier 20 to 100 Volts
SS12-L MCC-SS12-L_17 Datasheet
338Kb / 3P
1 Amp Schottky Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com