Electronic Components Datasheet Search
  English  ▼

X  

CPU-1440 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CPU-1440
Description  Vortex86DX processor at 600MHz x86 compatibility
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPU-1440 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CPU-1440 Datasheet HTML 1Page - List of Unclassifed Manufacturers CPU-1440 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bring new life into existing systems – With 128MB RAM and
2MB Flash Disk the CPU-1440 is the ideal upgrade platform for
legacy x86 DOS, Linux and Win CE systems
Low power fanless design – At less than 4W and operating
with 5V only, it is ideally suited for low power systems and
sealed applications
Simple and rugged – With a rugged and streamlined design
that delivers compatibility and reliable operation, the CPU-1440
is the perfect choice whenever downtime and glitches are
simply not acceptable
Expandability and true ISA – With PC/104 (ISA) and
PC/104+ (PCI) bus expansions, it is simple to interface the
CPU-1440 with existing systems and to add more peripherals
and functions
Application-ready Development Kits – Cut development
time with Eurotech development kits: fully featured and available
both for Win CE and Linux, they provide an easy access to all
interfaces and peripherals
• Upgrade platform for legacy x86 DOS
• PLC and machine controllers
• Industrial gateways
• POS, MMI
• Rugged Thin Client PCs
• Low Power, fanless systems
The CPU-1440 is a low power processor aimed at PC/104 embedded
applications. It provides x86 compatibility for legacy applications using DOS,
as well as supporting Linux and Windows CE for more current applications.
Featuring soldered down RAM and flash, and with options for extended
temperature (-40 to +70C) operation, it is ideal for installations requiring rugged
construction and high reliability, such as those in industrial and transportation
applications.
The CPU-1440 supports Microsoft DOS 6.22, Windows CE 6.0 and Linux 2.6.
• Vortex86DX processor at 600MHz
• x86 compatibility
• True ISA and DOS compatibility
• Very low power consumption
• Integrated video
• Long term availability
CPU-1440
PC/104+ Module with
Vortex86DX processor
FEATURES


Similar Part No. - CPU-1440

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPU-1452 ETC2-CPU-1452 Datasheet
212Kb / 3P
Celeron 400MHz Fanless SBC with 4x USB 2.0 and 4x USB 1.1 ports (RoHS)
CPU-1454 ETC2-CPU-1454 Datasheet
213Kb / 3P
Celeron 400MHz Fanless SBC with Gigabit & Fast Ethernet
CPU-1472 ETC2-CPU-1472 Datasheet
53Kb / 3P
Intel짰 Celeron짰 M 1GHz, 512KB L2 cache, 400MHz FSB
CPU-1474 ETC2-CPU-1474 Datasheet
53Kb / 3P
PC/104-Plus compliant Intel짰 Celeron짰 M 1GHz, 512KB L2 cache, 400MHz FSB
CPU-1482 ETC2-CPU-1482 Datasheet
53Kb / 3P
PC/104-Plus compliant Intel짰 Pentium짰 M 1.4GHz, 2MB L2 cache 400MHz FSB
More results

Similar Description - CPU-1440

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
GX1 NSC-GX1 Datasheet
4Mb / 247P
Processor Series Low Power Integrated x86 Solution
GXLV NSC-GXLV Datasheet
4Mb / 247P
Geode??GXLV Processor Series Low Power Integrated x86 Solutions
GXM NSC-GXM Datasheet
4Mb / 244P
Geode??GXm Processor Integrated x86 Solution with MMX Support
logo
Fairchild Semiconductor
AN-5023 FAIRCHILD-AN-5023 Datasheet
202Kb / 3P
LVDS Compatibility
logo
AAEON Technology
PFM-535S AAEON-PFM-535S Datasheet
252Kb / 2P
PC/104 Module With DM&P Vortex86SX/Vortex86DX SoC Processor
logo
List of Unclassifed Man...
ISISXL ETC2-ISISXL Datasheet
71Kb / 3P
Intel Atom Processor up to 1.33GHz High performance x86 compatibility in a fanless design
FW-7525 ETC2-FW-7525 Datasheet
463Kb / 2P
Fanless Desktop x86 Network Security Platform Fanless Desktop x86 Network Security Platform Processor
FW-7551 ETC2-FW-7551 Datasheet
343Kb / 4P
Desktop x86 Network Security Platform with Intel짰 Atom짰 C2000 Processor
FW-7571 ETC2-FW-7571 Datasheet
348Kb / 4P
Rackmount x86 Network Security Platform with Intel짰 Atom??C2358 processor
logo
Keysight Technologies
W9062A KEYSIGHT-W9062A Datasheet
2Mb / 5P
Language Compatibility
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com