Electronic Components Datasheet Search
  English  ▼

X  

CPU-1452 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CPU-1452
Description  Celeron 400MHz Fanless SBC with 4x USB 2.0 and 4x USB 1.1 ports (RoHS)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPU-1452 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CPU-1452 Datasheet HTML 1Page - List of Unclassifed Manufacturers CPU-1452 Datasheet HTML 2Page - List of Unclassifed Manufacturers CPU-1452 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet - PC/104-Plus CPU MODULES
CPU-1452
Celeron 400MHz Fanless SBC with 4x USB 2.0 and 4x USB 1.1 ports (RoHS)
Eurotech S.p.A.
e-mail: sales@eurotech.it
http://www.eurotech.it
ETH_CPU-1452_DS131206
Features
Architecture:
PC/104-Plus compliant
Processor:
Intel® Celeron® 400MHz, 256KB L2 cache, 100MHz FSB
Chipset:
Intel® 815E
Memory:
256MB SDRAM soldered onboard
Supported Operating Systems:
WinCE®, WinXPE® and Linux®
BIOS Flash:
1MB Flash EPROM
Interfaces:
•
IDE Controller Ultra DMA
•
Serial ports:
−
−
−
−
−
−
1x RS-232
1x RS-232/422/485
•
USB ports:
4x USB 1.1
4x USB 2.0
•
10/100 Mbps Ethernet (Intel® 82562ET chipset)
•
Video Controllers:
Analog VGA output
Digital LVDS output
•
Auxiliary Power
•
AC97
•
Keyboard and Mouse
Bus:
•
PC/104-Plus (PCI)
•
PC/104 (ISA)
Watchdog:
2-255 seconds / minutes
Power Supply:
Single +5V DC
RoHS
General Description
The CPU-1452 is an embedded RoHS compliant board based on two modules: a mezzanine CPU module combined with a PC/104-Plus form factor
carrier.
The mezzanine CPU module features the processor and its Intel® 815E chipset with 100MHz bus frequency. The processor is the Intel®
Celeron® 400MHz. The system comes with 256MB SDRAM soldered onboard. No active cooling is required to operate within the standard and
extended temperature ranges. The carrier implements all the connections to the external world, including 8 USB ports (4x USB 1.1 and 4x USB
2.0), 1 Fast Ethernet interface (10/100Mbps), 2 Serial ports, Analog VGA and Digital LVDS outputs, 1 AC97 interface, Auxiliary Power, Keyboard
and Mouse connectors and an IDE controller that supports any type of IDE Flash device (Disk-On-Module, Compact Flash and Flash Disk). The
carrier also performs the connections for the ISA and PCI bus enabling the CPU-1452 to stack on top of a PC/104-Plus system. The carrier
provides support for Watchdog management and Real Time Clock (external backup battery) and can be customized to match specific customer
needs.
The BIOS for the module is embedded and is located in a 1MB Flash EPROM, it is fully re-programmable onboard. The set-up parameters are
saved in Flash to allow the module to operate without a battery.


Similar Part No. - CPU-1452

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPU-1454 ETC2-CPU-1454 Datasheet
213Kb / 3P
Celeron 400MHz Fanless SBC with Gigabit & Fast Ethernet
More results

Similar Description - CPU-1452

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
693-006-620-003 ETC2-693-006-620-003 Datasheet
46Kb / 2P
USB 1.1 or USB 2.0 available
MB980 ETC2-MB980 Datasheet
621Kb / 1P
10x USB 2.0, 4x USB 3.0, 6x COM, 6x SATA III
IB936F ETC2-IB936F Datasheet
1Mb / 1P
4x SATA II, 4x USB 2.0, 2x COM, Watchdog timer
MB935 ETC2-MB935 Datasheet
588Kb / 1P
4x SATA II, 4x COM, 4x USB 2.0, 1x IDE
CPU-1454 ETC2-CPU-1454 Datasheet
213Kb / 3P
Celeron 400MHz Fanless SBC with Gigabit & Fast Ethernet
logo
Assmann Electronics Inc...
AK670M-2-R ASSMANN-AK670M-2-R Datasheet
351Kb / 1P
USB 1.1 & 2.0, USB A Male
AK670M2-1-GR-R ASSMANN-AK670M2-1-GR-R Datasheet
351Kb / 1P
USB 1.1 & 2.0, USB A Male
AK670M2-2-GR-R ASSMANN-AK670M2-2-GR-R Datasheet
351Kb / 1P
USB 1.1 & 2.0, USB A Male
AK670M2-3-GR-R ASSMANN-AK670M2-3-GR-R Datasheet
351Kb / 1P
USB 1.1 & 2.0, USB A Male
AK670M2-5-GR-R ASSMANN-AK670M2-5-GR-R Datasheet
351Kb / 1P
USB 1.1 & 2.0, USB A Male
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com