Electronic Components Datasheet Search
  English  ▼

X  

S2D Datasheet(PDF) 1 Page - General Semiconductor

Part # S2D
Description  SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

S2D Datasheet(HTML) 1 Page - General Semiconductor

  S2D Datasheet HTML 1Page - General Semiconductor S2D Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S2A THRU S2M
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 1.5 Amperes
FEATURES
♦ Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
♦ For surface mounted applications
♦ Low profile package
♦ Built-in strain relief,
ideal for automated placement
♦ Glass passivated chip junction
♦ High temperature soldering:
250°C/10 seconds at terminals
MECHANICAL DATA
Case: JEDEC DO-214AA molded plastic body over
passivated chip
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Weight: 0.003 ounce, 0.093 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
S2A
S2B
S2D
S2G
S2J
S2K
S2M
UNITS
Device marking code
SA
SB
SD
SG
SJ
SK
SM
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum average forward rectified current
at TL=100°C
I(AV)
1.5
Amps
Peak forward surge current
8.3ms single half sine-wave superimposed
on rated load (JEDEC Method) TL=100°C
IFSM
50.0
Amps
Maximum instantaneous forward voltage at 1.5 A
VF
1.15
Volts
Maximum DC reverse current
TA=25°C
1.0
at Rated DC blocking voltage
TA=125°C
IR
125.0
µA
Typical reverse recovery time (NOTE 1)
trr
2.0
µs
Typical junction capacitance (NOTE 2)
CJ
30.0
pF
Typical thermal resistance (NOTE 3)
R
ΘJA
53.0
R
ΘJL
16.0
°C/W
Operating and storage temperature range
TJ, TSTG
-55 to +150
°C
NOTES:
(1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
(3) Thermal resistance from junction to ambient and junction to lead
P.C.B. mounted on 0.27 x 0.27” (7.0 x 7.0mm) copper pad areas
4/98
0.160 (4.06)
0.180 (4.57)
0.006 (0.152)
0.012 (0.305)
0.030 (0.76)
0.060 (1.52)
0.008 (0.203)
0.205 (5.21)
0.220 (5.59)
0.084 (2.13)
0.096 (2.44)
0.077 (1.95)
0.086 (2.20)
0.130 (3.30)
0.155 (3.94)
MAX.
DO-214AA
MODIFIED J-BEND
Dimensions in inches and (millimeters)


Similar Part No. - S2D

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S2D PANJIT-S2D Datasheet
58Kb / 2P
SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Surge Components
S2D SURGE-S2D Datasheet
85Kb / 2P
SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 2.0 Ampere????
logo
Transys Electronics
S2D TRSYS-S2D Datasheet
176Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Jinan Gude Electronic D...
S2D JGD-S2D Datasheet
150Kb / 2P
1.5 AMPS. SURFACE MOUNT RECTIFIERS
logo
Shanghai Sunrise Electr...
S2D SSE-S2D Datasheet
16Kb / 1P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results

Similar Description - S2D

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM501 RECTRON-FM501 Datasheet
23Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (GLASS PASSIVATED SILICON RECTIFIER)
FM4001B RECTRON-FM4001B Datasheet
29Kb / 3P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
SM4004-W RECTRON-SM4004-W Datasheet
445Kb / 4P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
logo
Olitech Electronics Co....
SM4001 OLITECH-SM4001 Datasheet
484Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
logo
SHENZHEN KOO CHIN ELECT...
SM4001 KOOCHIN-SM4001 Datasheet
255Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
logo
Nantong Hornby Electron...
S1X HORNBY-S1X Datasheet
383Kb / 3P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
logo
Rectron Semiconductor
FM801P RECTRON-FM801P Datasheet
300Kb / 8P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
FM501B RECTRON-FM501B Datasheet
313Kb / 6P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
FM3013 RECTRON-FM3013 Datasheet
257Kb / 6P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
FM4001F RECTRON-FM4001F Datasheet
94Kb / 6P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com