Electronic Components Datasheet Search
  English  ▼

X  

CPU-1472 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CPU-1472
Description  Intel짰 Celeron짰 M 1GHz, 512KB L2 cache, 400MHz FSB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPU-1472 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CPU-1472 Datasheet HTML 1Page - List of Unclassifed Manufacturers CPU-1472 Datasheet HTML 2Page - List of Unclassifed Manufacturers CPU-1472 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CPU-1472
Celeron® M Fanless SBC with 8x USB 2.0 ports
Features
General Features:
Architecture:
• PC/104-Plus compliant
Processor Availability:
• Intel® Celeron® M 1GHz, 512KB L2 cache, 400MHz
FSB
Chipset:
• Intel® i855GME
System Memory:
• 512MB DDR, 266MHz (PC2100), soldered onboard
Supported Operating Systems:
• WinCE®, WinXPE® and Linux®
BIOS Flash:
• 1MB Flash EPROM
Interfaces:
• IDE ATA 100 Controller
• Serial ports:
-
1x RS-232
-
1x RS-232/422/485
• 8x USB 2.0 ports
• 10/100 Mbps Ethernet (Intel® 82562 chipset)
• Graphic controller with analog VGA and Flat Panel
LVDS interface
• AC97 audio interface
• Keyboard and Mouse
Bus:
• PC/104-Plus (PCI)
• PC/104 (ISA)
Watchdog:
• 2-255 seconds / minutes
Power Supply:
• Single +5V DC
RoHS:
• Fully RoHS (2002/95/CE) Compliant
The CPU-1472 is an embedded RoHS compliant board based on two modules:
a mezzanine CPU module combined with a PC/104-Plus form factor carrier.
The mezzanine CPU module features the Intel® Celeron® M 1GHz (having
512KB L2 cache and 400MHz FSB) processor and its Intel® i855GME chipset.
The system comes with 512MB DDR, 266MHz (PC2100), soldered onboard.
No active cooling is required to operate within the standard and extended
temperature ranges. The carrier implements all the connections to the external
world, including 8 USB 2.0 ports, 1 Fast Ethernet interface (10/100Mbps), 2
Serial ports, Analog VGA and Flat Panel LVDS outputs, 1 AC97 interface,
Keyboard and Mouse connectors and an IDE controller that supports IDE Flash
device (Disk-On-Module, Compact Flash and Flash Disk). The carrier also
performs the connections for the ISA and PCI bus enabling the CPU-1472 to
stack on top of a PC/104-Plus system. The carrier provides support for
Watchdog management and Real Time Clock (external backup battery) and
can be customized to match specific customer needs.
The BIOS for the module is embedded and is located in a 1MB Flash EPROM,
it is fully re-programmable onboard. The set-up parameters are saved in Flash
to allow the module to operate without a battery.


Similar Part No. - CPU-1472

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPU-1474 ETC2-CPU-1474 Datasheet
53Kb / 3P
PC/104-Plus compliant Intel짰 Celeron짰 M 1GHz, 512KB L2 cache, 400MHz FSB
More results

Similar Description - CPU-1472

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
ETX-821 AAEON-ETX-821 Datasheet
209Kb / 1P
Intel짰 Pentium짰 M/ Celeron짰 M Processors
ETX-855 AAEON-ETX-855 Datasheet
214Kb / 1P
Intel짰 Pentium짰 M/ Celeron짰 M Processors
GENE-8310W1 AAEON-GENE-8310W1 Datasheet
229Kb / 1P
Onboard Intel짰 ULV Celeron짰 M Processor at 600 MHz 512K Cache & 1 GHz 0 Cache
GENE-8315W1 AAEON-GENE-8315W1 Datasheet
231Kb / 1P
Onboard Intel짰 ULV Celeron짰 M 600 MHz 512 L2 Cache/ 1.0GHz Processor
AOP-8080XT AAEON-AOP-8080XT Datasheet
266Kb / 2P
Onboard Intel짰 Celeron짰 M Processor
COM-915 AAEON-COM-915 Datasheet
300Kb / 1P
Intel짰 Pentium짰 M/ Celeron짰 M Processors
COM-915A AAEON-COM-915A Datasheet
374Kb / 1P
Intel짰 Pentium짰 M/ Celeron짰 M Processors
logo
List of Unclassifed Man...
CPU-1474 ETC2-CPU-1474 Datasheet
53Kb / 3P
PC/104-Plus compliant Intel짰 Celeron짰 M 1GHz, 512KB L2 cache, 400MHz FSB
CPU-1482 ETC2-CPU-1482 Datasheet
53Kb / 3P
PC/104-Plus compliant Intel짰 Pentium짰 M 1.4GHz, 2MB L2 cache 400MHz FSB
CPU-1484 ETC2-CPU-1484 Datasheet
53Kb / 3P
PC/104-Plus compliant Intel짰 Pentium짰 M 1.4GHz, 2MB L2 cache 400MHz FSB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com