Electronic Components Datasheet Search
  English  ▼

X  

DIR-1B Datasheet(PDF) 2 Page - HuaXinAn Electronics CO.,LTD

Part # DIR-1B
Description  Epoxy molded Dual-In-Line package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

DIR-1B Datasheet(HTML) 2 Page - HuaXinAn Electronics CO.,LTD

  DIR-1B Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD DIR-1B Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD DIR-1B Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD DIR-1B Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DIR
Coil Specification (at 20
°°°°C)
Coil Sensitivity
Nominal
Voltage (VDC)
Nominal
Current (mA)
Coil Resistance
(
Ω±10%)
Power
Consumption
(mW)
Pull-In Voltage
(VDC)
Drop-Out
Voltage (VDC)
Maximum
Allowable
Voltage (VDC)
5
10
500
50
3.75
0.8
16
12
12
1,000
144
9.00
1.0
20
1A
24
11
2,150
268
18.00
2.0
32
5
36
140
179
3.75
0.8
11
12
24
500
288
9.00
1.0
20
2A
24
11
2,150
268
18.00
2.0
32
5
10
500
50
4.20
0.6
6
12
12
1,000
144
9.00
1.0
14.5
1B
24
11
2,150
268
18.00
2.0
29
5
25
200
125
3.75
0.8
11
12
24
500
288
9.00
1.0
20
1C
24
11
2,150
268
18.00
2.0
32
Ordering Information
DIR -
S
4
-
1
05
A
Contact Form:
A: One Form A
B: One Form B
C: One Form C
Coil Voltage:
05: 5V, 12: 12V, 24: 24V
Number of Pole:
1: One Pole
2: Two Poles (Make Contact Only)
Lead Number:
4: 4 Leads
8: 8 Leads
Terminal shape:
S: Standard (DIP)
C: Lead 2 &13 are connected (DIP)
M: Standard (SMD)
N: Lead 2 & 13 are connected (SMD)
Type:
DIR: Without Diode
DID: With Diode
Classification
Model
DIR/DID
Terminal shape
DIP
SMD
Lead 2 &13
Connected
Disconnected
Connected
Disconnected
Lead Type
4 Leads
8 Leads
4 Leads
8 Leads
4 Leads
8 Leads
4 Leads
8 Leads
Contact Form
-
1A/1B/1C/2A
1A
1A/1B/1C/2A
-
1A/1B/1C/2A
1A/1B/1C/2A
1A/1B/1C/2A
Ordering Type
-
DIR-C8-1□□A
DIR-C8-1□□B
DIR-C8-1□□C
DIR-C8-2□□A
DID-C8-1□□A
DIR-C8-1□□C
DID-C8-2□□A
DID-C8-1□□B
DIR-S4-1□□A
DID-S4-1□□A
DIR-S8-1□□A
DIR-S8-1□□B
DIR-S8-1□□C
DIR-S8-2□□A
DID-S8-1□□A
DID-S8-1□□C
DID-S8-2□□A
DID-S8-1□□B
-
DIR-N8-1□□A
DIR-N8-1□□B
DIR-N8-1□□C
DIR-N8-2□□A
DID-N8-1□□A
DID-N8-1□□C
DID-N8-2□□A
DID-N8-1□□B
DIR-M4-1□□A
DID-M4-1□□A
DIR-M8-1□□A
DIR-M8-1□□B
DIR-M8-1□□C
DIR-M8-2□□A
DID-M8-1□□A
DID-M8-1□□C
DID-M8-2□□A
DID-M8-1□□B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com