Electronic Components Datasheet Search
  English  ▼

X  

AS5055A Datasheet(PDF) 7 Page - ams AG

Part # AS5055A
Description  Low Power 12-Bit Magnetic Position Sensor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5055A Datasheet(HTML) 7 Page - ams AG

Back Button AS5055A Datasheet HTML 3Page - ams AG AS5055A Datasheet HTML 4Page - ams AG AS5055A Datasheet HTML 5Page - ams AG AS5055A Datasheet HTML 6Page - ams AG AS5055A Datasheet HTML 7Page - ams AG AS5055A Datasheet HTML 8Page - ams AG AS5055A Datasheet HTML 9Page - ams AG AS5055A Datasheet HTML 10Page - ams AG AS5055A Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
ams Datasheet
Page 7
[v2-03] 2014-Jul-31
Document Feedback
AS5055A − Electrical Characteristics
DC/AC Characteristics
Digital pads: MISO, MOSI, SCK, SS/, EN_INT/, INT/, WM
Figure 8:
DC/AC Characteristics
BZ01
Magnetic input field
range
Gain = 01
51
80
mT
BZ10
Magnetic input field
range
Gain = 10
39
62
mT
BZ11
Magnetic input field
range
Gain = 11
30
47
mT
N00
Noise (rms)
Within Bz00 magnetic input field
range and Gain = 00
0.128
degrms
N01
Noise (rms)
Within Bz01 magnetic input field
range and Gain = 01
0.149
degrms
N10
Noise (rms)
Within Bz10 magnetic input field
range and Gain = 10
0.192
degrms
N11
Noise (rms)
Within Bz11 magnetic input field
range and Gain = 11
0.256
degrms
INL
Integral Non Linearity
Using Bomatec 6x2.5 mm NdFeB
magnet with a maximum
x/y-displacement radius of 250
μm from package center
-1.41
1.41
deg
RPU/PD
Recommended pull-up
or pull-down resistor
Applicable for daisy chain
configuration
10k
50k
Ω
Symbol
Parameter
Conditions
Min
Max
Units
VIH
High level input voltage
0.7 * VDDp
V
VIL
Low level input voltage
VDDp > 2.7V
0.3 * VDDp
V
VIL
Low level input voltage
VDDp < 2.7V
0.25 * VDDp
V
ILEAK
Input leakage current
1
μA
VOH
High level output voltage
VDDp - 0.5
V
VOL
Low level output voltage
VSS + 0.4
V
CL
Capacitive load
35
pF
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com