Electronic Components Datasheet Search
  English  ▼

X  

SBL1640CT Datasheet(PDF) 1 Page - General Semiconductor

Part # SBL1640CT
Description  SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

SBL1640CT Datasheet(HTML) 1 Page - General Semiconductor

  SBL1640CT Datasheet HTML 1Page - General Semiconductor SBL1640CT Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4/98
SBL1630CT AND SBL1640CT
SCHOTTKY RECTIFIER
Reverse Voltage - 30 and 40 Volts
Forward Current - 16.0 Amperes
FEATURES
♦ Plastic package has Underwriters Laboratory
Flammability Classifications 94V-0
♦ Metal silicon junction, majority carrier conduction
♦ Low power loss, high efficiency
♦ High current capability,
low forward voltage drop
♦ High surge capability
♦ For use in low voltage, high frequency inverters, free
wheeling, and polarity protection applications
♦ Dual rectifier construction, positive center tap
♦ Guardring for overvoltage protection
♦ High temperature soldering guaranteed:
250°C/10 seconds, 0.25" (6.35mm) from case
MECHANICAL DATA
Case: JEDEC TO-220AB molded plastic body
Terminals: Lead solderable per MIL-STD-750,
Method 2026
Polarity: As marked
Mounting Position: Any
Mounting Torque: 5 in. - lbs. max.
Weight: 0.08 ounce, 2.24 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
SBL1630CT
SBL1640CT
UNITS
Maximum repetitive peak reverse voltage
VRRM
30
40
Volts
Maximum RMS voltage
VRMS
21
28
Volts
Maximum DC blocking voltage
VDC
30
40
Volts
Maximum average forward rectified current
at TC=95°C
I(AV)
16.0
Amps
Peak forward surge current, 8.3ms single
half sine-wave superimposed on rated load
IFSM
250.0
Amps
(JEDEC Method)
Maximum instantaneous forward voltage
per leg at 8.0A (NOTE 1)
VF
0.55
Volts
Maximum instantaneous reverse current at
TC=25°C
0.5
rated DC blocking voltage per leg (NOTE 1)
TC=100°C
IR
50.0
mA
Typical thermal resistance per leg (NOTE 2)
R
ΘJC
2.0
°C/W
Operating junction and storage temperature range
TJ, TSTG
-40 to +125
°C
NOTES:
(1) Pulse test: 300
µs pulse width, 1% duty cycle
(2) Thermal resistance from junction to case per leg
0.415 (10.54) MAX.
0.154 (3.91)
0.148 (3.74)
DIA.
0.113 (2.87)
0.103 (2.62)
0.185 (4.70)
0.175 (4.44)
0.055 (1.39)
0.045 (1.14)
0.145 (3.68)
0.135 (3.43)
0.350 (8.89)
0.330 (8.38)
0.160 (4.06)
0.140 (3.56)
0.037 (0.94)
0.027 (0.68)
0.205 (5.20)
0.195 (4.95)
0.560 (14.22)
0.530 (13.46)
0.022 (0.56)
0.014 (0.35)
0.110 (2.79)
0.100 (2.54)
PIN
1
2
3
PIN 1
PIN 3
CASE
1.148 (29.16)
1.118 (28.40)
0.105 (2.67)
0.095 (2.41)
0.410 (10.41)
0.390 (9.91)
0.105 (2.67)
0.095 (2.41)
0.635 (16.13)
0.625 (15.87)
0.560 (14.22)
0.530 (13.46)
PIN 2
0.370 (9.40)
0.360 (9.14)
TO-220AB
Dimensions in inches and (millimeters)


Similar Part No. - SBL1640CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBL1640CT DIODES-SBL1640CT Datasheet
66Kb / 2P
16A SCHOTTKY BARRIER RECTIFIER
DS23014 Rev. F-2
logo
Vishay Siliconix
SBL1640CT VISHAY-SBL1640CT Datasheet
44Kb / 3P
Dual Schottky Barrier Rectifier
11-Feb-02
logo
GOOD-ARK Electronics
SBL1640CT GOOD-ARK-SBL1640CT Datasheet
243Kb / 3P
Dual Schottky Barrier Rectifiers
logo
Diodes Incorporated
SBL1640CT DIODES-SBL1640CT Datasheet
70Kb / 3P
16A SCHOTTKY BARRIER RECTIFIER
DS23014 Rev. 7 - 2
logo
Galaxy Semi-Conductor H...
SBL1640CT BILIN-SBL1640CT Datasheet
244Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SBL1640CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com