Electronic Components Datasheet Search
  English  ▼

X  

TMD26721 Datasheet(PDF) 22 Page - ams AG

Part # TMD26721
Description  DIGITAL PROXIMITY DETECTOR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD26721 Datasheet(HTML) 22 Page - ams AG

Back Button TMD26721 Datasheet HTML 18Page - ams AG TMD26721 Datasheet HTML 19Page - ams AG TMD26721 Datasheet HTML 20Page - ams AG TMD26721 Datasheet HTML 21Page - ams AG TMD26721 Datasheet HTML 22Page - ams AG TMD26721 Datasheet HTML 23Page - ams AG TMD26721 Datasheet HTML 24Page - ams AG TMD26721 Datasheet HTML 25Page - ams AG TMD26721 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
TMD2672
DIGITAL PROXIMITY DETECTOR
TAOS149C − AUGUST 2012
21
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
Proximity Offset Register (0x1E)
The 8-bit proximity offset register provides compensation for proximity offsets caused by device variations,
optical crosstalk, and other environmental factors. Proximity offset is a sign-magnitude value where the sign
bit, bit 7, determines if the offset is negative (bit 7 = 0) or positive (bit 7 = 1). At power up, the register is set to
0x00. The magnitude of the offset compensation depends on the proximity gain (PGAIN), proximity LED drive
strength (PDRIVE), and the number of proximity pulses (PPULSE). Because a number of environmental factors
contribute to proximity offset, this register is best suited for use in an adaptive closed-loop control system. See
available TAOS application notes for proximity offset register application information.
Table 17.
Proximity Offset Register
6
75
4
2
31
0
POFFSET
Reset
0x00
MAGNITUDE
SIGN
FIELD
BIT
DESCRIPTION
SIGN
7
Proximity Offset Sign. The offset sign shifts the proximity data negative when equal to 0 and positive when
equal to 1.
MAGNITUDE
6:0
Proximity Offset Magnitude. The offset magnitude shifts the proximity data positive or negative, depending
on the proximity offset sign. The actual amount of the shift depends on the proximity gain (PGAIN), proximity
LED drive strength (PDRIVE), and the number of proximity pulses (PPULSE).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com