Electronic Components Datasheet Search
  English  ▼

X  

TSL252 Datasheet(PDF) 4 Page - ams AG

Part # TSL252
Description  LIGHT-TO-VOLTAGE OPTICAL SENSORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL252 Datasheet(HTML) 4 Page - ams AG

  TSL252 Datasheet HTML 1Page - ams AG TSL252 Datasheet HTML 2Page - ams AG TSL252 Datasheet HTML 3Page - ams AG TSL252 Datasheet HTML 4Page - ams AG TSL252 Datasheet HTML 5Page - ams AG TSL252 Datasheet HTML 6Page - ams AG TSL252 Datasheet HTML 7Page - ams AG TSL252 Datasheet HTML 8Page - ams AG TSL252 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TSL250R, TSL251R, TSL252R
LIGHT-TO-VOLTAGE OPTICAL SENSORS
TAOS028H − SEPTEMBER 2007
3
The LUMENOLOGY r Company
r
r
Copyright E 2007, TAOS Inc.
www.taosinc.com
Electrical Characteristics at VDD = 5 V, TA = 25°C, λp = 635 nm, RL = 10 kΩ (unless otherwise noted)
(see Notes 3, 4, and 5)
PARAMETER
TEST
TSL250R
TSL251R
TSL252R
UNIT
PARAMETER
TEST
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VD
Dark voltage
Ee = 0
0
4
10
0
4
10
0
4
10
mV
VOM
Maximum output
voltage
VDD = 4.5 V
3.0
3.3
3.0
3.3
3.0
3.3
V
Ee = 14.6 μW/cm2
1.5
2
2.5
VO
Output voltage
Ee = 38.5 μW/cm2
1.5
2
2.5
V
VO
Output voltage
Ee = 196 μW/cm2
1.5
2
2.5
V
Ee = 14.6 μW/cm2,
1.6
mV/°C
Temperature
Ee = 14.6 μW/cm ,
TA = 0°C to 70°C
0.08
%/°C
Temperature
coefficient of
Ee = 38.5 μW/cm2,
1.6
mV/°C
αvo
coefficient of
output voltage
(V )
Ee = 38.5 μW/cm ,
TA = 0°C to 70°C
0.08
%/°C
pg
(VO)
Ee = 196 μW/cm2,
1.6
mV/°C
Ee = 196 μW/cm ,
TA = 0°C to 70°C
0.08
%/°C
N
Irradiance
λp = 635 nm,
See Notes 5 and 7
137
52
10.2
mV/( W/cm2)
Ne
Irradiance
responsivity
λp = 880 nm,
See Notes 6 and 7
127
48
9.4
mV/(μW/cm2)
Ee = 14.6 μW/cm2
1.1
1.7
IDD
Supply current
Ee = 38.5 μW/cm2
1.1
1.7
mA
DD
pp y
Ee = 196 μW/cm2
1.1
1.7
NOTES: 3. Measurements are made with RL = 10 kΩ between output and ground.
4. Optical measurements are made using small-angle incident radiation from an LED optical source.
5. The input irradiance Ee is supplied by an AlInGaP LED with peak wavelength λp = 635 nm
6. The input irradiance Ee is supplied by a GaAlAs LED with peak wavelength λp = 880 nm
7. Irradiance responsivity is characterized over the range VO = 0.05 to 2.9 V. The best-fit straight line of Output Voltage VO versus
irradiance Ee over this range will typically have a positive extrapolated VO value for Ee = 0.
Dynamic Characteristics at TA = 25°C (see Figure 1)
PARAMETER
TEST CONDITIONS
TSL250R
TSL251R
TSL252R
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
tr
Output pulse rise time
VDD = 5 V,
λp = 635 nm
260
70
7
μs
tf
Output pulse fall time
VDD = 5 V,
λp = 635 nm
260
70
7
μs
Vn Output noise voltage
VDD = 5 V,
f = 1000 Hz
Ee = 0,
0.8
0.7
0.6
μV/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com