Electronic Components Datasheet Search
  English  ▼

X  

CBS502412 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CBS502412
Description  DC-DC Converters Power Module type
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CBS502412 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CBS502412 Datasheet HTML 1Page - List of Unclassifed Manufacturers CBS502412 Datasheet HTML 2Page - List of Unclassifed Manufacturers CBS502412 Datasheet HTML 3Page - List of Unclassifed Manufacturers CBS502412 Datasheet HTML 4Page - List of Unclassifed Manufacturers CBS502412 Datasheet HTML 5Page - List of Unclassifed Manufacturers CBS502412 Datasheet HTML 6Page - List of Unclassifed Manufacturers CBS502412 Datasheet HTML 7Page - List of Unclassifed Manufacturers CBS502412 Datasheet HTML 8Page - List of Unclassifed Manufacturers CBS502412 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CBS
CBS-3
CBS50
External view
+VOUT
+S
TRM
-S
-VOUT
4-
M3
(4.8)
57.9
max
-VIN
CASE
RC
+VIN
4-
º3.5
48.3
[1.9]
7-
º1.5
2-
º2.5
¶Recomending size for processing PCB
(TOP VIEW)
Lot No.
Case(PBT)
Base Plate(Aluminum)
[0.08]
[0.06]
[0.1]
[0.14]
[0.19]
[0.04]
[2.28]
[1.9]
0.5
0.1
0.2
48.3 ±
±
2-
º2
7-
º1
¶Weight : 83g max
¶Tolerance : ±0.3 [±0.012]
¶Case : PBT
¶Base Plate: Aluminum
¶Dimensions in mm, [
]= inches
¶Mounting hole screwing torque
: 0.49N
•m(5.0kgf•cm)max
¶Div. : 0.5inch
Mounting Hole
Name Plate
±
¶Dimensions in mm, [
]= inches
Io=100%
Io=50%
10
30
40
20
0
0
3
4
5
1
2
Io=100%
Io=50%
20
60
80
040
0
3
4
5
1
2
¡INPUT CURRENT CHARACTERISTICS (CBS504828)
¡INPUT CURRENT CHARACTERISTICS (CBS502428)
INPUT VOLTAGE
V
INPUT VOLTAGE
V
Performance data
ISOLATION
INPUT-OUTPUT
DC1,500V or AC1,000V 1minute, Cutoff current = 10mA, DC500V 50M
W min(20t15C)
INPUT-CASE PIN, BASE PLATE
DC1,500V or AC1,000V 1minute, Cutoff current = 10mA, DC500V 50M
W min(20t15C)
OUTPUT-CASE PIN, BASE PLATE
AC500V 1minute, Cutoff current = 100mA, DC500V 50M
W min (20t15C)
ENVIRONMENT
OPERATING TEMP.,HUMID.AND ALTITUDE
-40 to +100
C (On aluminum base plate), 20 - 95%RH (Non condensing)(Refer to DERATING CURVE), 3,000m (10,000feet) max
STORAGE TEMP.,HUMID.AND ALTITUDE
-40 to +100
C, 20 - 95%RH (Non condensing), 9,000m (30,000feet) max
VIBRATION
10 - 55Hz, 49.0m/s2 (5G), 3minutes period, 60minutes each along X, Y and Z axis
IMPACT
196.1m/s2 (20G), 11ms, once each along X, Y and Z axis
SAFETY
AGENCY APPROVALS
UL60950-1, C-UL, EN60950-1
OTHERS
CASE SIZE/WEIGHT
57.9
X12.7X61.0mm [2.28X0.5X2.4 inches](WXHXD) / 83g max
COOLING METHOD
Conduction cooling (e.g. heat radiation from the aluminum base plate to the attached heat sink)
GENERAL SPECIFICATIONS
*1 At rated input(DC24V,DC48V) and rated load.
*2 Ripple and ripple noise is measured by using measuring board with recommended capacitor Co & the film capacitor 0.1mF.
Measured by 20MHz oscilloscope or Ripple-Noise meter (Equivalent to KEISOKU-GIKEN:RM101).
*3 Drift is the change in DC output for an eight hour period after a half-hour warm-up at 25C, with the input voltage held constant at the rated input/output.
*4 When the input voltage is in the range of DC18 - 20V, DC36 - 40V, output voltage adjustment range is 60 - 105% (except for 1R8/2R5).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com