Electronic Components Datasheet Search
  English  ▼

X  

SD241P Datasheet(PDF) 1 Page - General Semiconductor

Part # SD241P
Description  SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

SD241P Datasheet(HTML) 1 Page - General Semiconductor

  SD241P Datasheet HTML 1Page - General Semiconductor SD241P Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SD241P
SCHOTTKY RECTIFIER
Reverse Voltage - 45 Volts
Forward Current - 30.0 Amperes
FEATURES
♦ Plastic package has Underwriters Laboratory
Flammability Classifications 94V-0
♦ Dual rectifier construction, positive center-tap
♦ Metal silicon junction, majority carrier
conduction
♦ Low power loss,
high efficiency
♦ High current capability,
low forward voltage drop
♦ High surge capability
♦ For use in low voltage, high frequency inverters, free
wheeling, and polarity protection applications
♦ Guardring for overvoltage protection
♦ High temperature soldering guaranteed:
250°C, 0.17" (4.3mm) from case for 10 seconds
MECHANICAL DATA
Case: JEDEC TO-247AD molded plastic body
Terminals: Lead solderable per MIL-STD-750,
Method 2026
Polarity: As marked
Mounting Position: Any
Mounting Torque: 10 in. - lbs. max.
Weight: 0.2 ounce, 5.6 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
SD241P
UNITS
Maximum repetitive peak reverse voltage at TC=25°C
VRRM
45
Volts
Maximum blocking voltage at TC=25°C
VDC
45
Volts
Maximum working peak reverse voltage
VRWM
35
Volts
Maximum average forward rectified current
at TC=105°C
I(AV)
30.0
Amps
Peak forward surge current
8.3ms single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
400.0
Amps
Peak repetitive reverse surge current (NOTE 1)
IRSM
2.0
Amps
Maximum instantaneous forward voltage
IF=10A, TC=125°C
0.47
per leg at (NOTE 2)
IF=20A, TC=125°C
VF
0.60
Volts
Maximum instantaneous reverse current
reverse voltage per leg at VR=35V (NOTE 2)
TC=25°C
1.0
TC=125°C
IR
100.0
mA
Voltage rate of change at VR=35V
dv/dt
10,000
V/
µs
Maximum thermal resistance (NOTE 3)
R
ΘJC
1.4
°C
Operating junction temperature range
TJ
-65 to +150
°C
Storage temperature range
TSTG
-65 to +175
°C
NOTES:
(1) 2.0
µs pulse width, f=1.0 KHZ
(2) Pulse test: 300
µs pulse width, 1% duty cycle
(3) Thermal resistance from junction of case per leg
4/98
PIN 1
PIN 3
CASE
0.245 (6.2)
0.225 (5.7)
0.645 (16.4)
0.625 (15.9)
0.323 (8.2)
0.313 (7.9)
0.142 (3.6)
0.138 (3.5)
0.170
(4.3)
0.086 (2.18)
0.076 (1.93)
0.160 (4.1)
0.140 (3.5)
0.225 (5.7)
0.205 (5.2)
0.127 (3.22)
0.117 (2.97)
0.048 (1.22)
0.044 (1.12)
0.795 (20.2)
0.775 (19.6)
0.840 (21.3)
0.820 (20.8)
1
2
3
0.078 REF
(1.98)
0.203 (5.16)
0.193 (4.90)
10
o TYP.
BOTH SIDES
30o
10
o
1
o
REF.
0.118 (3.0)
0.108 (2.7)
0.030 (0.76)
0.020 (0.51)
BOTH SIDES
PIN 2
TO-247AD
Dimensions in inches and (millimeters)


Similar Part No. - SD241P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD241P VISHAY-SD241P Datasheet
101Kb / 4P
Dual Common-Cathode Schottky Rectifier
07-May-08
SD241P VISHAY-SD241P Datasheet
84Kb / 4P
Dual Common Cathode Schottky Rectifier
27-May-2020
SD241P-E3/45 VISHAY-SD241P-E3/45 Datasheet
101Kb / 4P
Dual Common-Cathode Schottky Rectifier
07-May-08
logo
SHIELD s.r.l.
SD241P0 SHIELD-SD241P0 Datasheet
608Kb / 6P
Spiderbox짰 and Distribox짰: examples of special configurations for SD and SP series
SD241P7 SHIELD-SD241P7 Datasheet
608Kb / 6P
Spiderbox짰 and Distribox짰: examples of special configurations for SD and SP series
More results

Similar Description - SD241P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com