| Electronic Components Datasheet Search |
|
SM312LP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SM312LP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 6 page ![]() Dimensions Models with suffix E, EL, EPD, R, RL, RPD, LV, LVAG, LP, D, C, C2, CV, CV2, CVG, CV2G, CVB, and CV2B Models with suffix DBZ and W 3.2 mm (0.13”) 12.2 mm (0.48”) 3 mm dia Clearance (2) M18 × 1 × 15 mm Thread (Mounting nut supplied) 27.4 mm (1.08”) 53.3 mm (2.10”) 19.1 mm (0.75”) Mounting peg (6.3 mm dia × 2.5 mm) 2 m (6.5’) Cable 30.7 mm (1.21”) 24.1 mm (0.95”) 3 mm dia Clearance (2) Bezel 18.0 mm (0.71”) 13.2 mm (0.52”) 39.1 mm (1.54”) Models with suffix F, FV, FVB, and FVG Models with suffix FP, FPB, FPG, and FPH M18 x 1 x 19 mm Thread (Mounting Nut Supplied) 57.5 mm (2.27") 31.2 mm (1.23") Fiber Optic Fitting 3.2 mm (0.13”) 12.2 mm (0.48”) 3 mm dia clearance (2) Fiber Optic Fitting 22.3 mm (0.88”) 16.2 mm (0.64”) 42.1 mm (1.66”) 19.1 mm (0.75”) Mounting Peg (6.3 mm dia × 2.5 mm) 2 m (6.5’) Cable 30.7 mm (1.21”) 24.1 mm (0.95”) QD Models Sensor Features 20.0 mm (0.79”) 12 mm Thread Quick-disconnect Gain (Sensitivity) Adjustment Screw Alignment Indicator Device (AID)* Light/Dark Operate Select Switch Clockwise: Light Operate (outputs conduct when sensing light is received). Counterclockwise: Dark Operate (outputs conduct when sensing light is not received). *U.S. Patent no. 4356393 MINI-BEAM dc-Voltage Series 2 www.bannerengineering.com - tel: 763-544-3164 P/N 69943 rev. C |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |