Electronic Components Datasheet Search
  English  ▼

X  

STD65N55LF3 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STD65N55LF3
Description  N-channel 55 V, 7.0, 80 A DPAK STripFET III Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD65N55LF3 Datasheet(HTML) 5 Page - STMicroelectronics

  STD65N55LF3 Datasheet HTML 1Page - STMicroelectronics STD65N55LF3 Datasheet HTML 2Page - STMicroelectronics STD65N55LF3 Datasheet HTML 3Page - STMicroelectronics STD65N55LF3 Datasheet HTML 4Page - STMicroelectronics STD65N55LF3 Datasheet HTML 5Page - STMicroelectronics STD65N55LF3 Datasheet HTML 6Page - STMicroelectronics STD65N55LF3 Datasheet HTML 7Page - STMicroelectronics STD65N55LF3 Datasheet HTML 8Page - STMicroelectronics STD65N55LF3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
STD65N55LF3
Electrical characteristics
Doc ID 16371 Rev 2
5/13
Table 6.
Switching on/off (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on delay time
Rise time
VDD= 27 V, ID= 32 A,
RG= 4.7 Ω, VGS=10 V
(see Figure 15)
-
10
25
-
ns
ns
td(off)
tf
Turn-off delay time
Fall time
-
50
10
-
ns
ns
Table 7.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
ISDM
Source-drain current
Source-drain current (pulsed)(1)
1.
Pulsed: pulse duration = 300µs, duty cycle 1.5%
-
80
320
A
A
VSD
Forward on voltage
ISD=65 A, VGS=0
-
1.5
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD=65 A,
di/dt =100 A/µs,
VDD=30 V, Tj=150 °C
(see Figure 17)
-
40
60
3
ns
nC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com