Electronic Components Datasheet Search
  English  ▼

X  

SRP100B Datasheet(PDF) 2 Page - General Semiconductor

Part # SRP100B
Description  FAST SWITCHING PLASTIC RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

SRP100B Datasheet(HTML) 2 Page - General Semiconductor

  SRP100B Datasheet HTML 1Page - General Semiconductor SRP100B Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
20406080
100
120
140
0
0.25
0.5
0.75
1.0
1.25
110
100
5.0
10
15
20
25
30
0.1
1
10
100
1
10
100
0.01
0.1
1
10
100
0.1
1
10
100
0.4
0.6
1.0
1.2
1.4
1.6
2.0
0.01
0.1
1
10
20
1.8
0.8
20
60
80
100
0.01
1
10
100
040
0.1
RATINGS AND CHARACTERISTIC CURVES SRP100A THRU SRP100K
FIG. 1 - FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE, °C
NUMBER OF CYCLES AT 60Hz
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
TA=75°C
8.3ms SINGLE HALF
SINE-WAVE
CAPACITIVE LOADS
I(pk)
5.0
I(AV)
=
10
20
I(pk)
I(AV)
=
π
1.0 CYCLE
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
TJ=25°C
f=1.0 MHz
Vsig=50mVp-p
REVERSE VOLTAGE, VOLTS
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE
VOLTAGE, %
TJ=25°C
PULSE WIDTH=300
µs
1% DUTY CYCLE
TJ=100°C
TJ=25°C
FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE
t, PULSE DURATION, sec.
0.375” (9.5mm)
LEAD LENGTH



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com