Electronic Components Datasheet Search
  English  ▼

X  

STPS1L40AY Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPS1L40AY
Description  Automotive low drop power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1L40AY Datasheet(HTML) 5 Page - STMicroelectronics

  STPS1L40AY Datasheet HTML 1Page - STMicroelectronics STPS1L40AY Datasheet HTML 2Page - STMicroelectronics STPS1L40AY Datasheet HTML 3Page - STMicroelectronics STPS1L40AY Datasheet HTML 4Page - STMicroelectronics STPS1L40AY Datasheet HTML 5Page - STMicroelectronics STPS1L40AY Datasheet HTML 6Page - STMicroelectronics STPS1L40AY Datasheet HTML 7Page - STMicroelectronics STPS1L40AY Datasheet HTML 8Page - STMicroelectronics STPS1L40AY Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
STPS1L40-Y
Characteristics
Doc ID 18247 Rev 1
5/9
Figure 15.
Thermal resistance junction to ambient versus copper surface under each lead (SMB)
Figure 13.
Forward voltage drop versus
forward current
(typical values, low level)
Figure 14.
Thermal resistance junction to
ambient versus copper surface
under each lead (SMA)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
IFM(A)
VFM(V)
Tj = 125 °C
Tj = 25 °C
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Rth(j-a)(°C/W)
Scu(cm²)
SMA
Epoxy printed circuit board, FR4
copper thickness = 35 µm
0
20
40
60
80
100
120
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Scu(cm²)
Rth(j-a)(°C/W)
SMB
Epoxy printed circuit board, FR4
copper thickness = 35 µm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com