Electronic Components Datasheet Search
  English  ▼

X  

DR366-1 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR366-1
Description  DR366-1 Series Radial Leaded Shielded Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR366-1 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR366-1 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
July 15, 2009
DATATRONIC: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701 Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
1
2
SCHEMATIC
1
2
Ø.025
0,65
.236 MIN.
6,0
.385 MAX.
9,8
.196
5,0
Ø.318 MAX.
8,1
NOTES:
1.) All dimensions are in inches/mm
2.) Tolerance: .012/0.3
3.) DR366-1-102 to DR366-1-682 inductance tolerance is ±20%, DR366-1-103 to DR366-1-155
inductance tolerance is ±10%
4.) For non-RoHs parts, replace DR prefix with 42- (e.G. DR366-1-472 becomes 42-366-1-472)
5.) Terminal finish is compliant to RoHs requirements
6.) Isat is the current level when the inductance drops 20% from its initial value
7.) Irms is the current level when the part reaches a temperature rise of 25°C
DR366-1 Series Radial Leaded Shielded Inductors
Features
Height: 9.8mm Max
Inductance Range: 1µH – 1.5mH
Non-RoHS Versions are Available (Note 4)
Meets UL 94V-0
ELECTRICAL SPECIFICATIONS AT 25°C
OPERATING TEMPERATURE -20°C to +80°C
Part Number
Inductance
(µH) @1kHz
Q Min.
Q Test
Freq.
SRF (MHz)
Ref.
DCR (Ω)
Max.
Rated
Current (A)
Max. I sat
Rated
Current (A)
Max. I rms
DR366-1-102
1
10
7.96MHz
70
0.006
6.6
5.0
DR366-1-152
1.5
10
7.96MHz
56
0.008
5.4
4.3
DR366-1-222
2.2
10
7.96MHz
45
0.011
4.0
3.7
DR366-1-332
3.3
10
7.96MHz
36
0.018
3.6
2.9
DR366-1-472
4.7
10
7.96MHz
29
0.022
3.1
2.6
DR366-1-682
6.8
10
7.96MHz
24
0.028
2.5
2.3
DR366-1-103
10
20
2.52MHz
19
0.043
2.1
1.9
DR366-1-153
15
20
2.52MHz
15
0.056
1.7
1.6
DR366-1-223
22
20
2.52MHz
12
0.086
1.4
1.3
DR366-1-333
33
20
2.52MHz
9.4
0.14
1.1
1.0
DR366-1-473
47
20
2.52MHz
7.6
0.17
0.96
0.94
DR366-1-683
68
20
2.52MHz
6.2
0.28
0.79
0.73
DR366-1-104
100
20
796kHz
5.0
0.33
0.66
0.67
DR366-1-154
150
20
796kHz
4.0
0.56
0.53
0.52
DR366-1-224
220
20
796kHz
3.2
0.72
0.44
0.46
DR366-1-334
330
20
796kHz
2.5
1.1
0.36
0.37
DR366-1-474
470
20
796kHz
2.0
1.7
0.30
0.30
DR366-1-684
680
20
796kHz
1.7
2.3
0.25
0.26
DR366-1-105
1000
70
252kHz
1.3
4.3
0.20
0.19
DR366-1-155
1500
50
252kHz
1.3
5.0
0.17
0.16
MECHANICAL OUTLINE


Similar Part No. - DR366-1

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR366-1-102 DATATRONICS-DR366-1-102 Datasheet
111Kb / 2P
Radial Leaded Shielded Inductors
DR366-1-103 DATATRONICS-DR366-1-103 Datasheet
111Kb / 2P
Radial Leaded Shielded Inductors
DR366-1-104 DATATRONICS-DR366-1-104 Datasheet
111Kb / 2P
Radial Leaded Shielded Inductors
DR366-1-105 DATATRONICS-DR366-1-105 Datasheet
111Kb / 2P
Radial Leaded Shielded Inductors
DR366-1-152 DATATRONICS-DR366-1-152 Datasheet
111Kb / 2P
Radial Leaded Shielded Inductors
More results

Similar Description - DR366-1

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR366-1-102 DATATRONICS-DR366-1-102 Datasheet
111Kb / 2P
Radial Leaded Shielded Inductors
DR366-2-222 DATATRONICS-DR366-2-222 Datasheet
110Kb / 2P
Radial Leaded Shielded Inductors
DR366-3-332 DATATRONICS-DR366-3-332 Datasheet
111Kb / 2P
Radial Leaded Shielded Inductors
DR217-1 DATATRONICS-DR217-1_14 Datasheet
77Kb / 2P
DR217-1 SERIES RADIAL LEADED INDUCTORS
DR366-2 DATATRONICS-DR366-2 Datasheet
101Kb / 1P
DR366-2 Series Radial Leaded Shielded Inductors
DR366-3 DATATRONICS-DR366-3 Datasheet
102Kb / 1P
DR366-3 Series Radial Leaded Shielded Inductors
logo
List of Unclassifed Man...
LHL06TB222J ETC2-LHL06TB222J Datasheet
544Kb / 26P
RADIAL LEADED INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
LHL08TB3R3M TAIYO-YUDEN-LHL08TB3R3M Datasheet
137Kb / 1P
Radial Leaded Inductors
LHL08TB5R6M TAIYO-YUDEN-LHL08TB5R6M Datasheet
137Kb / 1P
Radial Leaded Inductors
LHL16TB152J TAIYO-YUDEN-LHL16TB152J Datasheet
137Kb / 1P
Radial Leaded Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com