Electronic Components Datasheet Search
  English  ▼

X  

STPS2L60-Y Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS2L60-Y
Description  Automotive power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2L60-Y Datasheet(HTML) 4 Page - STMicroelectronics

  STPS2L60-Y Datasheet HTML 1Page - STMicroelectronics STPS2L60-Y Datasheet HTML 2Page - STMicroelectronics STPS2L60-Y Datasheet HTML 3Page - STMicroelectronics STPS2L60-Y Datasheet HTML 4Page - STMicroelectronics STPS2L60-Y Datasheet HTML 5Page - STMicroelectronics STPS2L60-Y Datasheet HTML 6Page - STMicroelectronics STPS2L60-Y Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Characteristics
STPS2L60-Y
4/7
Doc ID 018927 Rev 1
Figure 7.
Reverse leakage current versus
reverse voltage applied
(typical values)
Figure 8.
Junction capacitance versus
reverse voltage applied
(typical values)
I (µA)
R
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
0
102030
405060
V (V)
R
T =125°C
j
T =150°C
j
T =100°C
j
T =75°C
j
T =50°C
j
T =25°C
j
C(pF)
10
100
1000
110
100
F=1MHz
V
=30mV
T =25°C
OSC
j
V (V)
R
Figure 9.
Forward voltage drop versus
forward current
(maximum values, low level)
Figure 10.
Thermal resistance junction to
ambient versus copper surface
under each lead
I
(A)
FM
0
1
2
3
4
5
6
7
8
9
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
V
(V)
FM
T =25°C
(maximum values)
j
T =125°C
(maximum values)
j
T =125°C
(typical values)
j
R
(°C/W)
th(j-a)
0
10
20
30
40
50
60
70
80
90
100
110
120
130
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
S(Cu)(cm²)
Epoxy printed circuit board FR4, copper thickness: 35 µm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com