Electronic Components Datasheet Search
  English  ▼

X  

WHS2 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # WHS2
Description  Wirewound High Surge Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WHS2 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  WHS2 Datasheet HTML 1Page - List of Unclassifed Manufacturers WHS2 Datasheet HTML 2Page - List of Unclassifed Manufacturers WHS2 Datasheet HTML 3Page - List of Unclassifed Manufacturers WHS2 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
WHS2 – 100R
J
A25
Dimensions mm
b
b
c
WHS2
52
52
5
WHS3
67
67
10
WHS5
63
63
10
*WHS7
85
85
10
WHS10
9
105
10
WHS10N
9
105
20
*An offset lead length is available for WHS7
series. Consult factory for details
Ordering Procedure
Example: WHS2 at 100 ohms and 5% tolerance in ammo pack box of 2500 pieces -
Wirewound High Surge Resistors
WHS Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
02.14
Packaging
The standard packaging for WHS is taped. The critical dimensions are shown in Figure 1. The component wires will not protrude
beyond the outside edge of the tapes. Taped product is then packed into boxes or onto reels. See Ordering Procedure for details.
Alternative packaging is available by request. Pre-formed resistors are supplied loose packed in plastic bags or boxes.
Type
Value (use IEC62 code)
Tolerance (use IEC62 code)
Packing
A25
Ammo
WHS2
2500/box
Standard
A1
WHS3
1000/box
T075
Tape
WHS5
750/reel
T07
WHS7
700/reel
A02
Ammo
WHS10
200/box
A01
WHS10N
100/box
F
1%
G
2%
J
5%
Radial
Goalpost
Lancet
Z-form
b
f1
f2
-f2 < 1.4mm
6
6
Figure 1
c



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com