Electronic Components Datasheet Search
  English  ▼

X  

LM302-1L Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # LM302-1L
Description  TELECOM TRANSFORMER LM302-1L
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

LM302-1L Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  LM302-1L Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
June 15, 2005
DATATRONIC: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700, Toll Free Tel: 888-889-5391, Fax: 951-928-7701
E-Mail: ddisales@datatronics.com
499 King’s Road, Hong Kong
Tel: (852) 2562 3858, (852) 2564 84 77 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
TELECOM TRANSFORMER LM302-1L
FEATURES
• Subminature, Low Profile
• 10.7mm seated Height
• Vacuum encapsulated
• Tested at 6500 VDC
• Meets or exceeds requirements of most international safety standards
• Operating Temperature -20ºC to +85ºC, Storage Temperature -40ºC to +85º C
APPLICATIONS
• V.32, V.32 bis and V.34 MODEMS
• INSTRUMENTATION
• TELECOMMUNICATIONS
ELECTRICAL SPECIFICATIONS AT 25°C
IMPEDANCE
PRIMARY
SECONDARY
600
Ω
600
Ω
SHUNT INDUCTANCE (MIN)
SHUNT LOSS (TYP)
2.8 H
9000
Ω
TURNS RATIO
1 : 1
LEAKAGE INDUCTANCE (TYP) @1KHz
14 mH
INSERTION LOSS @2KHz (MAX)
FREQUENCY RESPONSE @200-3500Hz (MAX)
WIDE BAND RESPONSE @200-10 000Hz (MAX)
1.5 dB
-0.3 dB
-2.5 dB
DC RESISTANCE** (± 10%) PRIMARY
SECONDARY
66
Ω
66
Ω
RETURN LOSS @200-4000Hz (MIN)
LONGITUDINAL BALANCE (MIN)
DISTORTION @ 1kHz 0 dBM
21 dB
80 dB
≤0.1%
INSULATION RESISTANCE @500VDC (MIN)
DIELECTRIC STRENGTH
100 M
Ω
6500 VDC
Note : * For use with recommended circuit (BS6305 impedance Class A non-speech or Class B speech)
** LM302-1L Is symmetrical meaning there is no real primary or secondary winding.
OUTLINE DIMENSIONS:
2.5 TYP
Dia 0.6 typ (4X)
1
4
5
8
7.62
5.08
TYP
10.7 MAX
12.7 +/- 0.15
17.9
17.9
2.5 TYP
3.0
3.0
TYP
TYP
MAX
MAX
4.0 MIN
DATATRONIC
LM 302-1L
DATE
5.08
TYP
RECOMMENDED CIRCUITS
600 Ohm Matching (speech)
1 : 1 ID E A L
600
Ω
6.8
µF ± 5%
56 0
Ω
± 2%
33 nF
± 5%
LIN E
27 nF
± 5%
BS6305 Class (A) Matching (non-speech)
1 : 1 ID E A L
370
Ω
310 nF
620
Ω
3.3
µF
68 nF
± 5%
680
Ω ± 5%
820
Ω
± 2%
47 nF
± 5%


Similar Part No. - LM302-1L

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM302 NSC-LM302 Datasheet
192Kb / 6P
Voltage Followers
logo
Intersil Corporation
LM302 INTERSIL-LM302 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
Power-One
LM3020-7 POWER-ONE-LM3020-7 Datasheet
146Kb / 4P
50 Watt DC-DC Converters
LM3020-7 POWER-ONE-LM3020-7 Datasheet
66Kb / 4P
50 Watt AC-DC Converters
LM3020-7 POWER-ONE-LM3020-7 Datasheet
83Kb / 4P
50-Watt AC-DC Cassette Converters
More results

Similar Description - LM302-1L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF84C21A PHILIPS-PCF84C21A Datasheet
161Kb / 20P
Telecom microcontrollers
1996 Nov 20
PCF84C81A PHILIPS-PCF84C81A Datasheet
111Kb / 20P
Telecom microcontroller
1998 Apr 20
logo
List of Unclassifed Man...
YMF740C ETC-YMF740C Datasheet
224Kb / 44P
DS-1L
logo
PCA ELECTRONICS INC.
EPA2851 PCA-EPA2851 Datasheet
17Kb / 1P
Common Mode Choke for Telecom Application Transformer
logo
Coilcraft lnc.
IFLY0012L COILCRAFT-IFLY0012L Datasheet
65Kb / 1P
DC-DC Flyback Transformer for Telecom
logo
Datatronic Distribution...
SM501-1 DATATRONICS-SM501-1 Datasheet
56Kb / 1P
SURFACE MOUNT TELECOM TRANSFORMER SM501-1
logo
Coilcraft lnc.
IFLY0012 COILCRAFT-IFLY0012 Datasheet
52Kb / 1P
DC-DC Flyback Transformer for Telecom
logo
Power System Technology
FAB0501013 PST-FAB0501013 Datasheet
209Kb / 3P
Telecom
logo
Micross Components
HMC344 MICROSS-HMC344 Datasheet
798Kb / 9P
Telecom Infrastructure
HMC559 MICROSS-HMC559 Datasheet
951Kb / 11P
Telecom Infrastructure
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com