Electronic Components Datasheet Search
  English  ▼

X  

SMCG10A Datasheet(PDF) 1 Page - General Semiconductor

Part # SMCG10A
Description  SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

SMCG10A Datasheet(HTML) 1 Page - General Semiconductor

  SMCG10A Datasheet HTML 1Page - General Semiconductor SMCG10A Datasheet HTML 2Page - General Semiconductor SMCG10A Datasheet HTML 3Page - General Semiconductor SMCG10A Datasheet HTML 4Page - General Semiconductor SMCG10A Datasheet HTML 5Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMCG AND SMCJ5.0 THRU 170CA
SURFACE MOUNT TRANSZORB™ TRANSIENT VOLTAGE SUPPRESSOR
Stand-off Voltage - 5.0 - 170 Volts
Peak Pulse Power - 1500 Watts
FEATURES
♦ Plastic package has Underwriters
Laboratory Flammability Classification 94V-0
♦ For surface mounted applications in order to optimize
board space
♦ Low profile package
♦ Built-in strain relief
♦ Glass passivated junction
♦ Low inductance
♦ 1500W peak pulse power capability with a 10/1000µs
waveform, repetition rate (duty cycle): 0.01%
♦ Excellent clamping capability
♦ Fast response time: typically less than 1.0ps from 0 Volts
to V(BR) for uni-directional and 5.0ns for bi-directional types
♦ For devices with V(BR)≥10V, ID are typically less
than 1.0
µA
♦ High temperature soldering guaranteed:
250°C/10 seconds at terminals
MECHANICAL DATA
Case: JEDEC DO214AB / DO215AB molded plastic over
passivated junction
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: For unidirectional types the color band denotes the
cathode, which is postitive with respect to the anode under
normal TVS operation
Mounting Position: Any
Weight: 0.007 ounces, 0.21 gram
DEVICES FOR BI-DIRECTIONAL APPLICATIONS
For bi-directional use add suffix C or CA for types SMC-5.0 thru SMC-170 (e.g. SMCG5.0C, SMCJ170CA).
Electrical characteristics apply in both directions.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
VALUE
UNITS
Peak pulse power dissipation with a 10/1000
µs waveform (NOTES 1, 2, FIG. 1)
PPPM
Minimum 1500
Watts
Peak pulse current with a 10/1000
µs waveform (NOTE 1, FIG. 3)
IPPM
SEE TABLE 1
Amps
Peak forward surge current 8.3ms single half sine-wave superimposed
on rated load (JEDEC Method) (NOTES 2, 3) - uni-directional only
IFSM
200.0
Amps
Maximum instantaneous forward voltage at 100A (NOTE 3) uni-directional only
VF
3.5
Volts
Operating junction and storage temperature range
TJ, TSTG
-55 to +150
°C
NOTES:
(1) Non-repetitive current pulse, per Fig.3 and derated above TA=25°C per Fig. 2
(2) Mounted on 0.31 x 0.31” (8.0 x 8.0mm) copper pads to each terminal
(3) Measured on 8.3ms single half sine-wave. For uni-directional devices only.
Dimensions in inches and (millimeters)
DO-215AB
GULL WING
DO-214AB
MODIFIED J-BEND
0.280 (7.11)
0.260 (6.60)
0.016 (0.41)
0.006 (0.15)
0.020
(0.51)
MAX.
0.058 (1.47)
0.038 (0.97)
0.400 (10.16)
0.380 (9.64)
0.032 (8.10)
0.024 (6.10)
0.008 (0.20)
0.004 (0.10)
SEATING
PLANE
0.245 (6.22)
0.130 (5.72)
0.125 (3.17)
0.115 (2.92)
0.095 (2.41)
0.075 (1.90)
0.006 (0.152)
0.012 (0.305)
0.030 (0.76)
0.060 (1.52)
0.008 (0.203)
0.305 (7.75)
0.320 (8.13)
0.260 (6.60)
0.280 (7.11)
0.079 (2.06)
0.103 (2.62)
0.220 (5.59)
0.245 (6.22)
0.126 (3.20)
0.114 (2.90)
MAX.
1/25/99


Similar Part No. - SMCG10A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SMCG10A MICROSEMI-SMCG10A Datasheet
144Kb / 3P
UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
SMCG10A MICROSEMI-SMCG10A Datasheet
584Kb / 4P
SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
logo
Vishay Siliconix
SMCG10A VISHAY-SMCG10A Datasheet
114Kb / 6P
Surface Mount TRANSZORB® Transient Voltage Suppressors
22-Oct-08
logo
Shenzhen Luguang Electr...
SMCG10A LUGUANG-SMCG10A Datasheet
252Kb / 4P
1500 Watts Surface Mount Transient Voltage Suppressor
logo
Digitron Semiconductors
SMCG10A DIGITRON-SMCG10A Datasheet
520Kb / 4P
TRANSIENT ABSORPTION ZENER DIODES
More results

Similar Description - SMCG10A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
P4KE530 GE-P4KE530 Datasheet
37Kb / 2P
TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
P6KE68 GE-P6KE68 Datasheet
65Kb / 4P
TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR
SM15T GE-SM15T Datasheet
73Kb / 3P
TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SM6T GE-SM6T Datasheet
55Kb / 3P
TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ530 GE-SMAJ530 Datasheet
37Kb / 2P
SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
SMBG GE-SMBG Datasheet
77Kb / 4P
SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
1.5KE6.8 GE-1.5KE6.8 Datasheet
66Kb / 6P
TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
1.5KE6.8 NJSEMI-1.5KE6.8 Datasheet
193Kb / 3P
TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR
logo
General Semiconductor
ICTE5.0 GE-ICTE5.0 Datasheet
46Kb / 4P
TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
TGL41-6.8 GE-TGL41-6.8 Datasheet
57Kb / 4P
SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com