Electronic Components Datasheet Search
  English  ▼

X  

3224200021 Datasheet(PDF) 1 Page - Meder Electronic

Part # 3224200021
Description  Reed Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

3224200021 Datasheet(HTML) 1 Page - Meder Electronic

  3224200021 Datasheet HTML 1Page - Meder Electronic 3224200021 Datasheet HTML 2Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
modifications in the sense of technical progress are reserved
index 00
2000-12-04
type:
DIP24-2A72-21L
MEDER electronic AG
Friedrich-List-Strasse 6
78234 Engen-Welschingen
Phone.:
Fax:
eMail:
Internet:
+49 (0) 7733 / 9487-0
+49 (0) 7733 / 9487-32
info@meder.com
www.meder.com
part number:
3224200021
dimensions (tolerance ± 0,1mm)
layout 21 L pitch 2,54 / top view
marking
Type
data-code EN 60062
coil data
condition
Min.
Typ.
Max.
unit
coil resistance
at 20°C
1800
2200
W
nominal voltage
24
VDC
pull-in voltage
16.8
VDC
drop-out voltage
3.6
VDC
coil voltage
at 20°C
47,0
VDC
coil voltage
at 60°C
30,2
VDC
nominal power
determined with
nominal voltage and rated current
288
mW
contact data 72 (Form A/Dry)
contact material
Ruthenium
rated power
each combination of the switching voltage
and current must not exceed the given
rated power
15
W
switching voltage
200
VDC
switching current
1,0
A
carry current
1,25
A
static contact resistance
initial values measured with 1,4 x ATpull-in
150
m
W
Insulation resistance
RH
W 45%
10
10
W
breakdown voltage
250
VDC
capacitance
without test coil
0,3
pF
relay data
insulation resistance coil-contact
10
11
W
insulation voltage coil-contact
1,5
kVDC
shock
½ sine wave, duration 11ms
150
g
vibration
50 – 2000Hz
10
g
operate time including bounce
measured at 1,4 x ATpull-in
0,5
ms
release time
0,1
ms
general data
operating temperature
-20
70
°C
storing temperature
-35
95
°C
soldering temperature
10 sec. at
260
°C
cleaning
fully sealed
material of case
mineral-filled epoxy
material of pins
Cu-alloy tinned


Similar Part No. - 3224200021

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
3224200121 MEDER-3224200121 Datasheet
130Kb / 2P
Reed Relay
More results

Similar Description - 3224200021

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
D1A120000 COSMO-D1A120000 Datasheet
148Kb / 1P
REED RELAY
D2A120000 COSMO-D2A120000 Datasheet
148Kb / 1P
REED RELAY
DIC121000 COSMO-DIC121000 Datasheet
144Kb / 1P
REED RELAY
D1B050000 COSMO-D1B050000 Datasheet
148Kb / 1P
REED RELAY
D1B240000 COSMO-D1B240000 Datasheet
149Kb / 1P
REED RELAY
D2A121000 COSMO-D2A121000 Datasheet
148Kb / 1P
REED RELAY
S1A050099 COSMO-S1A050099 Datasheet
140Kb / 1P
Reed Relay
logo
Meder Electronic
3205172111 MEDER-3205172111 Datasheet
116Kb / 3P
Reed Relay
3205200021 MEDER-3205200021 Datasheet
115Kb / 3P
Reed Relay
3212001051 MEDER-3212001051 Datasheet
118Kb / 3P
Reed Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com