Electronic Components Datasheet Search
  English  ▼

X  

PI5PD2041B Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI5PD2041B
Description  70m Current-Limited, Power-Distribution Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5PD2041B Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI5PD2041B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5PD2041B Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2013-07-0009
PT0317-5
07/31/13
5
PI5PD2041B/51B
70mΩ Current-Limited,
Power-Distribution Switches
2.
Over Current /OC Response
PI5PD2041B
TA=25℃, RL=2Ω, CL=0.1µF
3.
Output Short to Ground Then Enable
PI5PD2041B
TA=25℃
4.
Inrush Current
PI5PD2041B
TA=25℃, VI(IN)=5V, RL=10Ω
VI(/EN)
5V/Div
IO(OUT)
0.5A/Div
Time (200µs/Div)
VO(/OC)
5V/Div
IO(OUT)
0.5A/Div
Time (2ms/Div)
IO(OUT)
0.5A/Div
VI(/EN)
5V/Div
Time (1ms/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com