Electronic Components Datasheet Search
  English  ▼

X  

RAPC7420FX Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # RAPC7420FX
Description  RIGHT ANGLE PC MOUNT DC SERIES POWER JACKS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

RAPC7420FX Datasheet(HTML) 1 Page - Switchcraft, Inc.

  RAPC7420FX Datasheet HTML 1Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Search
Home About Us Products Applications Sales Support Contact Us
Home > Industrial Products > Jacks and Plugs > DC Power Jack and Plug Series > DC Power Jacks > Right Angle PC mount DC Series Power Jacks
Right angle DC power jacks for mounting on PC boards with a variety of center pin size options.
Questions? Contact Switchcraft Customer Support at 1-773-792-2700
Product
Description
Stock
RAPC712X
Right Angle PC Mount DC Power Jack, pin size
0.100"(2.5mm)
Info
RAPC722X
Right Angle PC Mount DC Power Jack, pin size
0.080"(2.0mm), open frame
Info
RAPC732OFX
Right Angle PC Mount DC Power Jack, pin size
0.050"(1.3mm), open frame
Info
RAPC732X
Right Angle PC Mount DC Power Jack, pin size
0.050"(1.3mm)
Info
RAPC742OFX
Right Angle PC Mount DC Power Jack, pin size
0.040"(1.0mm), open frame
Info
RAPC742X
Right Angle PC Mount DC Power Jack, pin size
0.040"(1.0mm)
Info
RAPC752SX
Right Angle PC Mount DC Power Jack, pin size
0.025"(0.65mm), shielded
Info
RAPC752X
Right Angle PC Mount DC Power Jack, pin size
0.025"(0.65mm)
Info
RASH712X
Right Angle Hybrid Mount DC Power Jack, pin size
0.100"(2.5mm)
Info
RASH722X
Right Angle Hybrid Mount DC Power Jack, pin size
0.080"(2.0mm)
Info
RASH732X
Right Angle Hybrid Mount DC Power Jack, pin size
0.050"(1.3mm)
Info
RASM712PX
Right Angle SMT Mount DC Power Jack, pin size
0.100"(2.5mm), with locating post
Info
RASM722PX
Right Angle SMT Mount DC Power Jack, pin size
0.080"(2.0mm), with locating post
Info
RASM732X
Right Angle SMT Mount DC Power Jack, pin size
0.050"(1.3mm)
Info
RASM742TRX
Right Angle SMT Mount DC Power Jack, pin size
0.040"(1.0mm), tape and reel
Info
RASM752STRX
Right Angle SMT Mount DC Power Jack, pin size
0.025"(0.65mm), shielded, tape and reel
Info
RASM752TRX
Right Angle SMT Mount DC Power Jack, pin size
0.025"(0.65mm), tape and reel
Downloads:
Jack Schematics
Specification Sheet - Printer
friendly version
Associated Products:
Sealed Power Jacks & Plugs
DC Power Plugs
DC Power Jacks & Plugs
Overmolded Cables
High Amperage Sealed Power
Jacks & Plugs
5555 N Elston Avenue
Chicago, IL 60630
USA
773-792-2700
Made in USA
Home About Us Sales Support Contact Us Login


Similar Part No. - RAPC7420FX

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
RAPC742 SWITCH-RAPC742 Datasheet
290Kb / 1P
JACKS AND PLUGS PRODUCT BULLETIN 547
RAPC742OF SWITCH-RAPC742OF Datasheet
290Kb / 1P
JACKS AND PLUGS PRODUCT BULLETIN 547
RAPC742TR SWITCH-RAPC742TR Datasheet
290Kb / 1P
JACKS AND PLUGS PRODUCT BULLETIN 547
More results

Similar Description - RAPC7420FX

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
ADC0021 ADAM-TECH-ADC0021 Datasheet
138Kb / 1P
DC POWER JACKS PC BOARD AND PANEL MOUNT
ADC-007 ADAM-TECH-ADC-007 Datasheet
214Kb / 3P
DC POWER JACKS PC BOARD AND PANEL MOUNT
ADC-010 ADAM-TECH-ADC-010 Datasheet
112Kb / 1P
DC POWER JACKS PC BOARD AND PANEL MOUNT
DJP-008-A ADAM-TECH-DJP-008-A Datasheet
106Kb / 1P
CIRCULAR DIN JACKS PC BOARD & PANEL MOUNT
MDJ-008 ADAM-TECH-MDJ-008 Datasheet
171Kb / 1P
MINI DIN JACKS RIGHT ANGLE PCB MOUNT
logo
Switchcraft, Inc.
RAPC712BK SWITCH-RAPC712BK Datasheet
40Kb / 1P
RIGHT ANGLE MINIATURE LOCKING POWER JACKS
P286305 SWITCH-P286305 Datasheet
39Kb / 1P
MINIATURE TELEPHONE JACKS, RIGHT ANGLE, PC MOUNT
logo
Adam Technologies, Inc.
DJ-005-S5 ADAM-TECH-DJ-005-S5 Datasheet
102Kb / 1P
DIN JACKS RIGHT ANGLE PCB MOUNT
IEC-NB-A-4 ADAM-TECH-IEC-NB-A-4 Datasheet
78Kb / 1P
IEC RIGHT ANGLE PC MOUNT
RF7-21-T-00-75 ADAM-TECH-RF7-21-T-00-75 Datasheet
72Kb / 1P
TNC RIGHT ANGLE PC MOUNT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com