Electronic Components Datasheet Search
  English  ▼

X  

US1G Datasheet(PDF) 1 Page - General Semiconductor

Part # US1G
Description  SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

US1G Datasheet(HTML) 1 Page - General Semiconductor

  US1G Datasheet HTML 1Page - General Semiconductor US1G Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US1A THRU US1J
SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
Reverse Voltage - 50 to 600 Volts
Forward Current - 1.0 Ampere
FEATURES
♦ Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
♦ For surface mount applications
♦ Glass passivated chip junctions
♦ Low profile package
♦ Easy pick and place
♦ Ultrafast recovery times for high efficiency
♦ Low forward voltage, low power loss
♦ Built-in strain relief, ideal for automated placement
♦ High temperature soldering guaranteed:
250°C/10 seconds on terminals
MECHANICAL DATA
Case: JEDEC DO-214AC molded plastic body over
passivated chip
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Weight: 0.002 ounces, 0.064 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
US1A
US1B
US1D
US1G
US1J
UNITS
Device Marking Code
UA
UB
UD
UG
UJ
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
Volts
Maximum average forward rectified current
at TL=110°C
I(AV)
1.0
Amp
Peak forward surge current
8.3ms single half sine-wave superimposed on
IFSM
30.0
Amps
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 1.0A
VF
1.0
1.7
Volts
Maximum DC reverse current
TA=25°C
10.0
at rated DC blocking voltage
TA=100°C
IR
50.0
µA
Maximum reverse recovery time (NOTE 1)
trr
50.0
75.0
ns
Typical junction capacitance (NOTE 2)
CJ
17.0
15.0
pF
Maximum thermal resistance (NOTE 3)
R
ΘJA
75.0
°C/W
R
ΘJL
27.0
Operating and storage temperature range
TJ, TSTG
-55 to +150
°C
NOTES:
(1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0 MHZ and applied reverse voltage of 4.0 Volts
(3) P.C.B. mounted on 0.2 x 0.2” (5.0 x 5.0mm) copper pad area
4/98
0.157 (3.99)
0.177 (4.50)
0.006 (0.152)
0.012 (0.305)
0.030 (0.76)
0.060 (1.52)
0.008 (0.203) MAX.
0.194 (4.93)
0.208 (5.28)
0.100 (2.54)
0.110 (2.79)
0.078 (1.98)
0.090 (2.29)
0.049 (1.25)
0.065 (1.65)
DO-214AC
Dimensions in inches and (millimeters)
NEW PRODUCT
NEW PRODUCT
NEW PRODUCT


Similar Part No. - US1G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
US1G PANJIT-US1G Datasheet
72Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
NXP Semiconductors
US1G PHILIPS-US1G Datasheet
66Kb / 12P
SMA ultra fast low-loss controlled avalanche rectifiers
2000 Feb 14
logo
Surge Components
US1G SURGE-US1G Datasheet
76Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 1.0 Ampere????
logo
Transys Electronics
US1G TRSYS-US1G Datasheet
166Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Shanghai Sunrise Electr...
US1G SSE-US1G Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
More results

Similar Description - US1G

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
ES2A BWTECH-ES2A Datasheet
273Kb / 2P
SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
ES2A-2J BWTECH-ES2A-2J Datasheet
273Kb / 2P
SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
ES1A-1J BWTECH-ES1A-1J Datasheet
273Kb / 2P
SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
logo
Continental Device Indi...
ES2A-2J CDIL-ES2A-2J Datasheet
273Kb / 2P
SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
ES1A-1J CDIL-ES1A-1J Datasheet
273Kb / 2P
SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
logo
Bruckewell Technology L...
ES1A_J BWTECH-ES1A_J Datasheet
431Kb / 4P
SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
ES2A_J BWTECH-ES2A_J Datasheet
394Kb / 4P
SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
US1A-M BWTECH-US1A-M Datasheet
406Kb / 4P
SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
US2A-M BWTECH-US2A-M Datasheet
321Kb / 4P
SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
ES1000FL BWTECH-ES1000FL Datasheet
630Kb / 4P
SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com